Electronic Components Datasheet Search
  English  ▼

X  

EUV-100S024ST Datasheet(PDF) 7 Page - Inventronics Inc.

Part # EUV-100S024ST
Description  Driving the Lighting Revolution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-100S024ST Datasheet(HTML) 7 Page - Inventronics Inc.

  EUV-100S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications are subject to changes without notice.
EUV-100SxxxST
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Driving the Lighting Revolution
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2009-08-14
A
Change Max. Output Current and Efficiency.
2009-09-02
B
Change MTBF and Life Time.
2009-09-11
C
Change Turn-on Delay Time
2009-10-15
D
Delete “UL1310 Class2” in Safety & EMC Compliance
2009-11-10
E
Change the min. value and notes of efficiency.
2009-11-13
F
Add the Mechanical Outline of 12V.
2009-12-16
G
Add note for mechanical outline.
2010-01-14
H
Change the max. value of over current protection.
2010-05-31
I
Add star rank for recommended models
/
: Popular model.
Add Leakage Current in Input Specifications
/
Max. 0.75 mA At
277Vac 50Hz input
Standardize the tolerance in Mechanical Outline
/
/
2012-6-12
J
Mechanical Outline
/
Updated
Life Time Curve
/
Added
Vo=81 V & Vo=105 V Models
/
Deleted
2012-7-17
K
Max Case Temperature
/
Updated
2012-12-24
L
MTBF
Min 439,000 hours
Typ 338,000 hours
Life time
Min 50,000 Hrs @
65
Typ113,000 Hrs@
60
Ripple and Noise (pk-pk)
1.5% VO
2.0% VO
Turn-on delay time @110 Vac
1.0 s
1.2 s
Inrush Current(I
2t)
/
Added
Min PF and max THD
/
Added
Temperature coefficient
/
Added
No Load Power Dissipation
1.5 W
3.5 W
42V and 54V Model
/
Deleted
Efficiency @ 110 Vac
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
VO = 54 V
MIN
86%
88%
88%
88%
88%
TYP
89%
91%
90%
90%
91%
MIN
87%
88%
88%
88%
89%
TYP
89%
90%
90%
90%
91%
Efficiency @ 220Vac
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
VO = 54 V
MIN
89%
91%
91%
91%
91%
TYP
91%
93%
93%
92%
92%
MIN
89%
90%
90%
90%
91%
TYP
91%
92%
92%
92%
92%
PF curve and THD curve
/
Added



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com