Electronic Components Datasheet Search
  English  ▼

X  

EUV-100S048ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # EUV-100S048ST
Description  Driving the Lighting Revolution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-100S048ST Datasheet(HTML) 2 Page - Inventronics Inc.

  EUV-100S048ST Datasheet HTML 1Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 2Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 3Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 4Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 5Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 6Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications are subject to changes without notice.
EUV-100SxxxST
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Driving the Lighting Revolution
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-5%
-
5%
Ripple and Noise (pk-pk)
-
-
2.0% VO
Measured by 20 MHz bandwidth oscilloscope and
the output paralleled a 0.1 uF ceramic capacitor
and a 10 uF electrolytic capacitor.
Line Regulation
-
-
1%
Load Regulation
-
-
2%
Turn-on Delay Time
-
0.6 s
1.2 s
Measured at 110Vac input.
-
0.3 s
0.6 s
Measured at 220Vac input.
Output Overshoot /
Undershoot
-
-
10%
When power on or off.
Load
Dynamic
Response
Output
Deviation
-
-
5% VO
R/S: 1 A/uS
Load: 25% ~ 75% full load.
Settling Time
-
-
10 mS
Temperature coefficient
-
-
0.05%/
°C Case temperature = 0°C ~Tc max
Note: All specifications are typical at 25
°C unless otherwise stated.
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Voltage Protection
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
14 V
27 V
40 V
54 V
15 V
30 V
47 V
59 V
16 V
34 V
50 V
63 V
Latch mode. The power supply shall return to
normal operation only after the power is turn-on
again.
Over Current Protection
110% IO
135% IO
195% IO
Hiccup mode. The power supply shall be self-
recovery when the fault condition is removed.
Over Temperature Protection
-
110
°C
-
Maximum temperature of components inside the
case.
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The
power supply shall be self-recovery when the fault condition is removed.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
87%
88%
88%
88%
89%
90%
90%
90%
-
-
-
-
Measured at full load, 110Vac input, 25
ambient
temperature, after the unit is thermally stabilized.
It will be lower about 1%, if measured immediately
after startup.
Efficiency
VO = 12 V
VO = 24 V
VO = 36 V
VO = 48 V
89%
90%
90%
90%
91%
92%
92%
92%
-
-
-
-
Measured at full load, 220Vac input, 25
ambient
temperature, after the unit is thermally stabilized.
It will be lower about 1%, if measured immediately
after startup.
No Load Power Dissipation
-
-
3.5 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com