Electronic Components Datasheet Search
  English  ▼

X  

EUV-100S048ST Datasheet(PDF) 6 Page - Inventronics Inc.

Part # EUV-100S048ST
Description  Driving the Lighting Revolution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-100S048ST Datasheet(HTML) 6 Page - Inventronics Inc.

  EUV-100S048ST Datasheet HTML 1Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 2Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 3Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 4Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 5Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 6Page - Inventronics Inc. EUV-100S048ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to changes without notice.
EUV-100SxxxST
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Driving the Lighting Revolution
Mechanical Outline
EUV-100S012ST
PROJ:
RED(V+)
BLACK(V-)
BLACK (ACL)
WHITE (ACN)
GREEN (GND)
AC INPUT(UL SJTW 18#/3C)
DC OUTPUT(UL SJTW 18#/2C)
Note: The 2 DC output cables are connected in parallel internally because one AWG #18 wire can only carry
10A. Please connect the 2 red wires together and 2 black wires together in application, or ensure each
cable carries same current.
Others
PROJ:
AC INPUT(UL SJTW 18#/3C)
DC OUTPUT(UL SJTW 18#/2C)
RED(V+)
BLACK(V-)
BLACK (ACL)
WHITE (ACN)
GREEN (GND)
RoHS Compliance
Our products comply with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com