Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 3 Page - RFE international

Part # SMF
Description  Surface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMF Datasheet(HTML) 3 Page - RFE international

  SMF Datasheet HTML 1Page - RFE international SMF Datasheet HTML 2Page - RFE international SMF Datasheet HTML 3Page - RFE international SMF Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Marking
Breakdown Voltage V
BR @I T
Maximum
Reverse
Leakage
IR
(3) @
VRWM ( A)
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Surge
Current
IPP
(2) (A)
Maximum
Clamping
Voltage
Vc @ I PP
(V)
Uni
Bi
Uni
Bi
Min(V)
Max (V)
IT
(1) (mA)
SMF60A
SMF60CA
60A
60CA
66.70
73.70
1
1.0
60.0
2.07
96.8
SMF64A
SMF64CA
64A
64CA
71.10
78.60
1
1.0
64.0
1.94
103.0
SMF70A
SMF70CA
70A
70CA
77.80
86.00
1
1.0
70.0
1.77
113.0
SMF75A
SMF75CA
75A
75CA
83.30
92.10
1
1.0
75.0
1.65
121.0
SMF78A
SMF78CA
78A
78CA
86.70
95.80
1
1.0
78.0
1.59
126.0
SMF80A
SMF80CA
80A
80CA
88.80
97.60
1
1.0
80.0
1.55
129.0
SMF85A
SMF85CA
85A
85CA
94.40
104.00
1
1.0
85.0
1.46
137.0
SMF90A
SMF90CA
90A
90CA
100.00
111.00
1
1.0
90.0
1.37
146.0
SMF100A
SMF100CA
100A
100CA
111.00
123.00
1
1.0
100.0
1.23
162.0
SMF110A
SMF110CA
110A
110CA
122.00
135.00
1
1.0
110.0
1.13
177.0
SMF120A
SMF120CA
120A
120CA
133.00
147.00
1
1.0
120.0
1.04
193.0
SMF130A
SMF130CA
130A
130CA
144.00
159.00
1
1.0
130.0
0.96
209.0
SMF140A
SMF140CA
140A
140CA
155.00
171.00
1
1.0
140.0
0.89
224.0
SMF150A
SMF150CA
150A
150CA
167.00
185.00
1
1.0
150.0
0.82
243.0
SMF160A
SMF160CA
160A
160CA
178.00
197.00
1
1.0
160.0
0.77
259.0
SMF170A
SMF170CA
170A
170CA
189.00
209.00
1
1.0
170.0
0.73
275.0
SMF180A
SMF180CA
180A
180CA
200.00
220.00
1
1.0
180.0
0.68
292.0
SMF190A
SMF190CA
190A
190CA
211.00
232.00
1
1.0
190.0
0.65
308.0
SMF200A
SMF200CA
200A
200CA
224.00
247.00
1
1.0
200.0
0.62
324.0
SMF220A
SMF220CA
220A
220CA
246.00
272.00
1
1.0
220.0
0.56
356.0
Notes:
(1) t p 50ms Pulse test: t p 50ms.
(2) Surge current waveform per Fig. 2 and derated per Fig.3.
(3) For bi-directional types having V RWM of 10 V and less, the I R limit is doubled.
0
.
4
0
0
t ms
FIG2: Pulse Waveform
50
100
3.0
2.0
1.0
TJ=25
Pulse Width(td) is de ned as
the Point where the Peak
Current Decays to 50% of IPPM
10/1000 s Waveform as
De ned by R.E.A.
tr=10 s
Peak Value
IPPM
Half Value -IPPM/2
td
0.1
1
10
100
10
td( s)
FIG1:Peak Pulse Power Rating Curve
100
10,000
1,000
1,000
10,000
Surface Mount Transient Voltage Suppressor
SMF Series
SOD-123FL
Page 3 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)
11-07-2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com