Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 1 Page - RFE international

Part # SMF
Description  Surface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMF Datasheet(HTML) 1 Page - RFE international

  SMF Datasheet HTML 1Page - RFE international SMF Datasheet HTML 2Page - RFE international SMF Datasheet HTML 3Page - RFE international SMF Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Uni-directional
For surface mounted applications
Low-prole package
Ideal for automated placement
Available in Unidirectional and Bidirectional
200 W peak pulse power capability with a 10/1000
s
waveform
Low incremental surge resistance, excellent clamping
capability
Very fast response time
High temperature soldering guaranteed: 260 °C/10 s at
terminals
Meets MSL level 1
Component in accordance to RoHS
Bi-directional
Use in sensitive electronics prot ection against voltage transients
induced by inductive load switching and lighting on ICs, MOSFET,
signal lines of sensor units for
consumer, computer, industrial,
telecommunication.
P ackage : SOD-123FL
Molding compound meets UL 94 V-0 ammability
rating, RoHS-compliant, halogen-free
Terminals : Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: For uni-directional types the band denotes cathode
end, no marking on bi-directional types
PARAMETER
SYMBOL
UNIT
Conditions
Max
Peak power dissipation (1) (2) (Fig.1)
P PPM
0
0
2
m
r
o
f
e
v
a
w
s
u
0
0
0
1
/
0
1
a
h
ti
w
W
Peak pulse current (1)
IPPM
A
with a 10/1000us waveform
(See Next Table)
Power dissipation, on in nite heat sink
P
D
W
TL=75
0.4
Peak forward surge current, 8.3 ms single
half sine-wave unidirectional only (3)
IFSM
0
2
A
Operating junction and
storage temperature range
TJ,T STG
0
5
1
+
o
t
5
5
-
Thermal resistance
R JL
/W
6
2
d
a
e
l
d
n
a
n
o
it
c
n
u
j
n
e
e
w
t
e
B
R JA
0
8
1
t
n
e
i
b
m
A
d
n
a
n
o
it
c
n
u
j
n
e
e
w
t
e
B
R JC
0
4
e
v
r
u
C
d
n
a
n
o
it
c
n
u
j
n
e
e
w
t
e
B
11-07-2022
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Surface Mount Transient Voltage Suppressor
SMF Series
SOD-123FL
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
Notes:
(1). Non repetitive current pulse
per Fig2 and derated above TA=25
per Fig3.
(2) . T
L=30
unless otherwise noted , V F 1.25V@200mA.
(3). Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com