Electronic Components Datasheet Search
  English  ▼

X  

HIP6502 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6502
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6502 Datasheet HTML 3Page - Intersil Corporation HIP6502 Datasheet HTML 4Page - Intersil Corporation HIP6502 Datasheet HTML 5Page - Intersil Corporation HIP6502 Datasheet HTML 6Page - Intersil Corporation HIP6502 Datasheet HTML 7Page - Intersil Corporation HIP6502 Datasheet HTML 8Page - Intersil Corporation HIP6502 Datasheet HTML 9Page - Intersil Corporation HIP6502 Datasheet HTML 10Page - Intersil Corporation HIP6502 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
4-7
5VDLSB (Pin 14)
Connect this pin to the gate of a suitable P-MOSFET or
bipolar PNP. In sleep state, this transistor is switched on,
connecting the ATX 5VSB output to the 5VDUAL regulator
output.
VSEN1 (Pin 3)
Connect this pin to the 3.3V memory output (VOUT1). In
sleep states, this pin is regulated to 3.3V through an internal
pass transistor capable of delivering 300mA (typically). The
active-state voltage at this pin is provided from the ATX 3.3V
through a fully on external N-MOS transistor. During all
operating states, the voltage at this pin is monitored for
under-voltage events.
VCLK (Pin 6)
This pin is the output of the internal 2.5V clock chip regulator
(VOUT4). This internal regulator operates only in active
states (S0, S1/S2) and is shut off during any sleep state,
regardless of the configuration of the chip. This pin is
monitored for under-voltage events.
Description
Operation
The HIP6502 controls 5 output voltages (Refer to Figures 1,
2, and 3). It is designed for microprocessor computer
applications with 3.3V, 5V, 5VSB, and 12V bias input from
an ATX power supply. The IC is composed of three linear
controllers/regulators supplying the computer system’s
3.3VSB and PCI slots’ 3.3VAUX power (VOUT3), the 2.5V
RDRAM and 3.3V SDRAM memory power (VOUT2, VOUT1),
an integrated regulator dedicated to 2.5V clock chip
(VOUT4), a dual switch controller supplying the 5VDUAL
voltage (VOUT5), as well as all the control and monitoring
functions necessary for complete ACPI implementation.
Initialization
The HIP6502 automatically initializes upon receipt of input
power. The Power-On Reset (POR) function continually
monitors the 5VSB input supply voltage, initiating 3.3VSB
soft-start operation after exceeding POR threshold. At 3ms
(typically) after 3.3VSB finishes its ramp-up, the EN5VDL
status is latched in and the chip proceeds to ramp up the
remainder of the voltages, as required.
Operational Truth Table
The EN5VDL pin offers the choice of supporting or disabling
5VDUAL output in S3 and S4/S5 sleep states. Table 1
describes the truth combinations pertaining to this output.
Not shown in any of the tables are the 3.3VDUAL/3.3VSB
and the 2.5VCLK outputs. The 3.3VDUAL/3.3VSB output
powers up as soon as the 5VSB ATX output is available.
The 2.5VCLK output operation is restricted by the chip’s
POR and is only available in active state (S0, S1). For
additional information, see the soft-start sequence diagrams.
Additionally, the internal circuitry does not allow the
transition from an S3 (suspend to RAM) state to an S4/S5
(suspend to disk/soft off) state or vice versa. The only ‘legal’
transitions are from an active state (S0, S1) to a sleep state
(S3, S5) and vice versa.
Functional Timing Diagrams
Figures 4 through 6 are timing diagrams, detailing the power
up/down sequences of all three outputs in response to the
status of the enable (EN5VDL) and sleep-state pins (S3,
S5), as well as the status of the ATX supply.
The status of the EN5VDL pin can only be changed while in
active (S0, S1) states, when the bias supply (5VSB pin) is
below POR level, or during chip shutdown (SS pin shorted to
GND or within 3ms of 5VSB POR); a status change of this
pin while in a sleep state is ignored.
TABLE 1. 5VDUAL OUTPUT (VOUT5) TRUTH TABLE
EN5VDL
S5
S3
5VDL
COMMENTS
0
1
1
5V
S0, S1 States (Active)
01
0
0V
S3
0
0
1
Note
Maintains Previous State
00
0
0V
S4/S5
1
1
1
5V
S0, S1 States (Active)
11
0
5V
S3
1
0
1
Note
Maintains Previous State
10
0
5V
S4/S5
NOTE: Combination Not Allowed.
FIGURE 4. 5VDUAL TIMING DIAGRAM FOR EN5VDL = 1;
3.3VDUAL/3.3VSB
5VSB
3.3V,
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5V, 12V
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com