Electronic Components Datasheet Search
  English  ▼

X  

HIP6502 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6502
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6502 Datasheet HTML 4Page - Intersil Corporation HIP6502 Datasheet HTML 5Page - Intersil Corporation HIP6502 Datasheet HTML 6Page - Intersil Corporation HIP6502 Datasheet HTML 7Page - Intersil Corporation HIP6502 Datasheet HTML 8Page - Intersil Corporation HIP6502 Datasheet HTML 9Page - Intersil Corporation HIP6502 Datasheet HTML 10Page - Intersil Corporation HIP6502 Datasheet HTML 11Page - Intersil Corporation HIP6502 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
4-8
Not shown in these diagrams is the deglitching feature used
to protect against false sleep state tripping. Both S3 and S5
pins are protected against noise by a 2
µs filter (typically 1 -
4
µs). This feature is useful in noisy computer environments if
the control signals have to travel over significant distances.
Additionally, the S3 pin features a 200
µs delay in
transitioning to sleep states. Once the S3 pin goes low, an
internal timer is activated. At the end of the 200
µs interval, if
the S5 pin is low, the HIP6502 switches into S5 sleep state;
if the S5 pin is high, the HIP6502 goes into S3 sleep state.
Soft-Start Circuit
SOFT-START INTO SLEEP STATES (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
µA current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp
allows a rapid and controlled output voltage rise.
Figure 7 shows the soft-start sequence for the typical
application start-up in sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1 the 5VSB surpasses POR level. An internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
µA current source continues
the charging. The soft-start capacitor voltage reaches
approximately 1.25V at time T2, at which point the
3.3VDUAL/3.3VSB error amplifier’s reference input starts its
transition, causing the output voltage to ramp up
proportionally. The ramp-up continues until time T3 when the
3.3VDUAL/3.3VSB voltage reaches the set value. After this
output reached its set value, as the soft-start capacitor
voltage reaches approximately 2.75V, the under-voltage
monitoring circuit of this output is activated and the soft-start
capacitor is quickly discharged to approximately 1.25V.
Following the 3ms (typical) time-out between T3 and T4, the
MSEL and EN5VDL selections are latched in, and the soft-
start capacitor commences a second ramp-up designed to
smoothly bring up the remainder of the voltages required by
the system. At time T5 all voltages are within regulation
limits, and as the SS voltage reaches 2.75V, all the
remaining UV monitors are activated and the SS capacitor is
quickly discharged to 1.25V, where it remains until the next
transition.
FIGURE 5. 5VDUAL TIMING DIAGRAM FOR EN5VDL = 0;
3VDUAL/3VSB
5VSB
3.3V,
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5V, 12V
FIGURE 6. 2.5VMEM, 3.3VMEM, AND 2.5VCLK TIMING
DIAGRAM; MSEL FLOATING (NOT CONNECTED)
5VSB
3.3V,
S3
S5
DRV2
VSEN1, 2
VSEN2
INTERNAL
DEVICES
VCLK
DLA
VSEN1
5V, 12V
FIGURE 7. SOFT-START INTERVAL IN A SLEEP STATE
(ALL OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (3.3VMEM)
VOUT2
VOUT5 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
(2.5VMEM)
VOUT4
(2.5VCLK)
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com