Electronic Components Datasheet Search
  English  ▼

X  

OSW Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # OSW
Description  Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

OSW Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  OSW Datasheet HTML 1Page - Omega Engineering, Inc. OSW Datasheet HTML 2Page - Omega Engineering, Inc. OSW Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G-71
For isothermal, low resistance
switching of temperature
measurement circuits, OMEGA
offers three styles of selector
switches. The OSW style features
silver plated contacts, while the
OSWG line includes gold plated
U
76 mm (3"), 127 mm (5")
and 1⁄4 DIN Sizes
U
Gold or Silver Plated
Contacts
U
2 or 3 Poles in 76 mm (3")
and 127 mm (5") sizes
U
2, 3, or 4 Poles in
1
⁄4 DIN Size
U
2 to 34 Positions
U
Round or Pistol Grip
Handles
U
Wire Connecting
Combination
Screws Included
OSW Series
Any switch is available with a standard
round knob or an optional pistol grip
handle. Viewing the switch from a
distance is generally easier with a
pistol grip handle, as is switching its
position while wearing gloves.
Choice of GOLD or SILVER
Contacts Available
MONOGRAM® SERIES
with gold plated contacts
Rotary Selector Switches
For Thermocouple, RTD and
Thermistor Circuits
contacts. The SW14 1⁄4 DIN
switches come with a choice of
gold or silver-plated contacts. Each
style offers 2 to 34 positions in a
break-resistant Noryl® case.
The isothermal design of these
rotary switches minimizes
temperature gradients between
the input and output thermocouple
wiring. This in turn minimizes
errors in transmitting thermocouple
signals due to the generation of a
thermal emf at the wire junctions.
The low resistance of the silver or
gold plated contacts also enables
switching of temperature sensitive
resistance devices, such as RTD’s
and thermistors.
Two pole SW and OSW series
switches have a convenient
“off” position. The “off” position
may be left as an open circuit or
shorted to keep spurious signals
from registering on thermocouple
instruments. Each pole is fully
isolated. For quick and easy wiring,
the terminals located at the rear of
the switch are clearly marked.


Similar Part No. - OSW

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW33002X1B36VW OPTOSUPPLY-OSW33002X1B36VW Datasheet
126Kb / 1P
d6*l37tubular pure white 36v led
OSW33002X1B68VW OPTOSUPPLY-OSW33002X1B68VW Datasheet
126Kb / 1P
d6*l37tubular pure white 68v led
OSW33014C1A OPTOSUPPLY-OSW33014C1A Datasheet
504Kb / 9P
3.0 x 1.4 x 0.8mm SMD
OSW35630C1A-150mA OPTOSUPPLY-OSW35630C1A-150mA Datasheet
496Kb / 9P
5.6 x 3.0 x 0.9mm SMD
OSW35630C1A-60mA OPTOSUPPLY-OSW35630C1A-60mA Datasheet
491Kb / 9P
5.6 x 3.0 x 0.9mm SMD
More results

Similar Description - OSW

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CFP-TC-120 NI-CFP-TC-120 Datasheet
194Kb / 6P
Thermocouple and RTD Modules for Compact FieldPoint
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
ROTARY SELECTOR SWITCHES
logo
Analog Devices
AD2061 AD-AD2061_15 Datasheet
935Kb / 2P
MICROPROCESSOR BASED AUTORANGING RTD THERMISTOR METER
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
ROTARY SELECTOR SWITCHES (SMD)
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
logo
Omega Engineering, Inc.
RTD OMEGA-RTD Datasheet
1Mb / 1P
RTD and Thermistor Extension Cables
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com