Electronic Components Datasheet Search
  English  ▼

X  

OSW Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # OSW
Description  Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

OSW Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  OSW Datasheet HTML 1Page - Omega Engineering, Inc. OSW Datasheet HTML 2Page - Omega Engineering, Inc. OSW Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
G-73
OMEGA is pleased to offer a
rotary selector switches in a 1⁄4 DIN
size. Like our other rotary selector
switches, this model is available with
Break Before Make and Make Before
Break contact action. Models are
available with 2 to 34 positions in
2, 3 or 4 pole versions. Available with
a standard round knob or optional
pistol-grip handle. The 1⁄4 DIN switch
also has “jab-in” style connections.
1
⁄4 DIN Rotary Selector
Switches with “Jab-In”
Connections
SW142-10-M
Dimensions
Bezel: 96 mm (3.78") sq, 1⁄4 DIN
Panel Depth:
2-pole: 63 mm (213⁄32")
3-pole: 82 mm (35⁄32")
4-pole: 101 mm (329⁄32")
Panel Cutout: 92 mm (35⁄8") Dia.
Face Height: 28 mm (13⁄32");
67 mm (25⁄8") with pistol grip
Easy to use jab-in
connections; no
loose hardware.
OMEGA can supply pre-configured 483 mm (19") panels with
connectors, switch and meter installed for most any application.
Consult sales for details.
Jab-in Connections
on 1⁄4 DIN Switch only
Shown
actual size
U
Fits Standard 1
⁄4 DIN Cutout
U
Gold or Silver Plated Contacts
U
2, 3, or 4 Poles
U
2 to 34 Positions
U
Round or Pistol Grip Handles
U
For Thermocouple, RTD or
Thermistor Circuits
Comes complete with mounting hardware, panel cutout template and instruction manual.
*Specify contact action: “B” = Break Before Make, “M” = Make Before Break.
To order with optional pistol grip handle add suffix
“‑PG” to model number for additional cost.
To order a retro-fit kit for pistol grip handle specify:
SW14‑PG, for silver plated contacts,
SW14G‑PG, for gold plated contacts.
Ordering Examples: SW142‑10‑M‑PG, 2-pole,10-position switch with Make Before Break
action, silver-plated contacts and optional pistol grip handle.
SW143G‑14‑B, 3-pole, 14 position switch with Break Before Make action, gold-plated contacts.
To Order
No. of
No. of
Silver-Plated Contacts
Gold-Plated Contacts
Poles
Positions
Model No.
Model No.
2
SW142-2-(*)
SW142G-2-(*)
4
SW142-4-(*)
SW142G-4-(*)
6
SW142-6-(*)
SW142G-6-(*)
8
SW142-8-(*)
SW142G-8-(*)
10
SW142-10-(*)
SW142G-10-(*)
2
12
SW142-12-(*)
SW142G-12-(*)
16
SW142-16-(*)
SW142G-16-(*)
includes
18
SW142-18-(*)
SW142G-18-(*)
“off”
20
SW142-20-(*)
SW142G-20-(*)
position
24
SW142-24-(*)
SW142G-24-(*)
30
SW142-30-(*)
SW142G-30-(*)
34
SW142-34-(*)
SW142G-34-(*)
2
SW143-2-(*)
SW143G-2-(*)
4
SW143-4-(*)
SW143G-4-(*)
6
SW143-6-(*)
SW143G-6-(*)
8
SW143-8-(*)
SW143G-8-(*)
10
SW143-10-(*)
SW143G-10-(*)
3
12
SW143-12-(*)
SW143G-12-(*)
16
SW143-16-(*)
SW143G-16-(*)
NO
18
SW143-18-(*)
SW143G-18-(*)
“off”
20
SW143-20-(*)
SW143G-20-(*)
position
24
SW143-24-(*)
SW143G-24-(*)
30
SW143-30-(*)
SW143G-30-(*)
34
SW143-34-(*)
SW143G-34-(*)
2
SW144-2-(*)
SW144G-2-(*)
4
SW144-4-(*)
SW144G-4-(*)
6
SW144-6-(*)
SW144G-6-(*)
8
SW144-8-(*)
SW144G-8-(*)
10
SW144-10-(*)
SW144G-10-(*)
4
12
SW144-12-(*)
SW144G-12-(*)
16
SW144-16-(*)
SW144G-16-(*)
NO
18
SW144-18-(*)
SW144G-18-(*)
“off”
20
SW144-20-(*)
SW144G-20-(*)
position
24
SW144-24-(*)
SW144G-24-(*)
30
SW144-30-(*)
SW144G-30-(*)
34
SW144-34-(*)
SW144G-34-(*)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com