Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 3 Page - RFE international

Part # RHA
Description  Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RHA Datasheet(HTML) 3 Page - RFE international

  RHA Datasheet HTML 1Page - RFE international RHA Datasheet HTML 2Page - RFE international RHA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Resistors
RHA Series: Aluminum Housed Resistor
C2E05
12-11-2020
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PERFORMANCE
PART NUMBERING CODE
RHA
50W
5K0
J
Type
Power Rating
Resistance
Tolerance
(NRHA for non-inductive wound)
5W
1Ω = 1R0
F± 1%
10W
10Ω = 10R
G± 2%
25W
100Ω = 100R
J± 5%
50W
1KΩ = 1KR
85W
5KΩ = 5K0
100W
50KΩ = 50K
250W
Parameters
Test Conditions
Specifications
Short time Over Load
5X wattage rating-5sec
△R±(0.5%+0.05Ω)MAX
Moisture Resistance
Temp 40
℃moisture95%DC100V500HR
△R±(0.5%+0.05Ω)MAX
Moisture Load Life
Temp 40
℃moisture95%1/10XWattagerating(1.5HrON-0.5Hr
OFF)-Repeat 1000Hr
△R±(0.5%+0.05Ω)MAX
Load Life
Load Rating(chass is mounted)
(1.5Hr ON 0.5Hr OFF) -Repeat 1000Hr
△R±(1.5%+0.05Ω)MAX
Vibration
10c/s~50c/s~10c/s(lmin)2Hr each of paralleled and right angle
△R±(0.2%+0.05Ω)MAX
Heat Resistance
275
℃2Hr
△R±(0.5%+0.05Ω)MAX
Dielectric Strength
RHA-5, RHA-10, RHA-25 1000V
RHA-50 1500V
RHA-100 RHA-250 2500V
△R±(0.2%+0.05Ω)MAX
Insulation
Resistance
Under the same test condition of Dieletric Strength
Load DC500v and measure the insulation
1000M Ω min
Terminal Strength
Pull Test (30 sec Min) RHA-50 1kg, RHA-10 2.3kg,
RHA-25, RHA-50 4.5kg
Torque Test (5~15sec), RHA-100 27kg-cm, RHA-250 36Kg-cm
△R±(0.2%+0.05Ω)MAX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com