Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 1 Page - RFE international

Part # RHA
Description  Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RHA Datasheet(HTML) 1 Page - RFE international

  RHA Datasheet HTML 1Page - RFE international RHA Datasheet HTML 2Page - RFE international RHA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Resistors
RHA Series: Aluminum Housed Resistor
FEATURES
C2E05
12-11-2020
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Small size, high power rating and performance
Excellent space factor
Strongly resistant to moisture, solvent & insulation.
Self-extinguish material is used in molding.
Standard winding and non-inductive winding types
High stability, strong construction, ultra precision
●
●
●
●
●
●
OUTLINE DIMENSIONS
A-Type
B-Type
C-Type
D-Type
E-Type
F-Type
DIMENSIONS AND RANGE
Series
Power
Rating
(Watts @
25
°C)
Dimensions (mm)
Type Resist.
Range
Ref.
A±2.5
B±1
C±1
D±0.5
E±1
F±1
G±1 H±0.5 I±0.2
J±1.5
K
RHA-5W
5
82
15.3
11.3
16.5
9.4
8
4
1.4
2.2
33
-
A
0.01~
5K
RE60
RHA-10W
10
31.6
18.7
14.3
20.4
16.7
10
5
2
2.2
2.2
-
B
0.01~ 10K
RE65
RHA-25W
25
48
27.8
18.6
27.4
20
14.8
7.7
2
3.4
2.2
-
B
0.01~ 25K
RE70
RHA-50W
50
70
51
38.5
29.4
22.9
15.8
7.7
2.4
4.2
2.2
-
B
0.01~ 50K
RE75
RHA-85W
85
94
75
38.5
29.4
14.4
15.8
7.7
2.4
3.2
2.2
-
C
0.01~ 50K
RHAS-100W
100
98
66
35
4.5
47
36
25
13
3.2
15
M4
E
0.01~ 50K
RHA-100W
100
122
90
69.2
5.2
71.5
45
44
20±1
4.4
16
M6
D
0.01~ 50K
RE77
RHA-250W
250
178
114
76
5.2
77
57.8
54.5
25±1
5
32
M6
F
0.01~ 50K
RE80


Similar Part No. - RHA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHA NICHICON-RHA Datasheet
681Kb / 2P
High Capacitance
logo
AVX Corporation
RHA AVX-RHA Datasheet
346Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
Vishay Siliconix
RHA005 VISHAY-RHA005 Datasheet
183Kb / 5P
Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
22-Feb-2022
RHA010 VISHAY-RHA010 Datasheet
183Kb / 5P
Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
22-Feb-2022
RHA025 VISHAY-RHA025 Datasheet
183Kb / 5P
Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
22-Feb-2022
More results

Similar Description - RHA

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
Power Resistors
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
Power Resistors
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
Power Resistors
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
Power Resistors
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
Riedon Powertron
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
Power Resistors
DEC-29-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com