Electronic Components Datasheet Search
  English  ▼

X  

MR50 Datasheet(PDF) 3 Page - RFE international

Part # MR50
Description  FILM RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MR50 Datasheet(HTML) 3 Page - RFE international

  MR50 Datasheet HTML 1Page - RFE international MR50 Datasheet HTML 2Page - RFE international MR50 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RoHS
RESISTANCE DECADE TABLE
Resistance
Tolerance
Resistance Values
M (20%)
1.0
1.5
2.2
3.3
4.7
6.8
K (10%)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
G (2%), J (5%)
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
F (1%)
1.00 1.10 1.21 1.33 1.47 1.62 1.78 1.96 2.15 2.37 2.61 2.87 3.16 3.48 3.83 4.22 4.64 5.11 5.62 6.19 6.81 7.50 8.25
9.09
1.02 1.13 1.24 1.37 1.50 1.65 1.82 2.00 2.21 2.43 2.67 2.94 3.24 3.57 3.92 4.32 4.75 5.23 5.76 6.34 6.98 7.68 8.45
9.31
1.05 1.15 1.27 1.40 1.54 1.69 1.87 2.05 2.26 2.49 2.74 3.01 3.32 3.65 4.02 4.42 4.87 5.36 5.90 6.49 7.15 7.87 8.66
9.53
1.07 1.18 1.30 1.43 1.58 1.74 1.91 2.10 2.32 2.55 2.80 3.09 3.40 3.74 4.12 4.53 4.99 5.49 6.04 6.65 7.32 8.06 8.87
9.76
D (0.5%)
1.00 1.10 1.21 1.33 1.47 1.62 1.78 1.96 2.15 2.37 2.61 2.87 3.16 3.48 3.83 4.22 4.64 5.11 5.62 6.19 6.81 7.50 8.25
9.09
C (0.25%)
1.01 1.11 1.23 1.35 1.49 1.64 1.80 1.98 2.18 2.40 2.64 2.91 3.20 3.52 3.88 4.27 4.70 5.17 5.69 6.26 6.90 7.59 8.35
9.20
B (0.1%)
A (0.05%)
1.02 1.13 1.24 1.37 1.50 1.65 1.82 2.00 2.21 2.43 2.67 2.94 3.24 3.57 3.92 4.32 4.75 5.23 5.76 6.34 6.98 7.68 8.45
9.31
1.04 1.14 1.26 1.38 1.52 1.67 1.84 2.03 2.23 2.46 2.71 2.98 3.28 3.61 3.97 4.37 4.81 5.30 5.83 6.42 7.06 7.77 8.56
9.42
1.05 1.15 1.27 1.40 1.54 1.69 1.87 2.05 2.26 2.49 2.74 3.01 3.32 3.65 4.02 4.42 4.87 5.36 5.90 6.49 7.15 7.87 8.66
9.53
1.06 1.17 1.29 1.42 1.56 1.72 1.89 2.08 2.29 2.52 2.77 3.05 3.36 3.70 4.07 4.48 4.93 5.42 5.97 6.57 7.23 7.96 8.76
9.65
1.07 1.18 1.30 1.43 1.58 1.74 1.91 2.10 2.32 2.55 2.80 3.09 3.40 3.74 4.12 4.53 4.99 5.49 6.04 6.65 7.32 8.06 8.87
9.76
1.09 1.20 1.32 1.45 1.60 1.76 1.93 2.13 2.34 2.58 2.84 3.12 3.44 3.79 4.17 4.59 5.05 5.56 6.12 6.73 7.41 8.16 8.98
9.88
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
85mm
max
110mm
max
270mm
max
C
D
A
H
E
B
paper
resistor
bandolier
min 30 cm leader at
beginning and end
max
75
19
14 ɸ 53ɸ
max 300
flange
Cylinder
FILM RESISTORS
CR Series: Standard Carbon Film
Page 3 of 3
Body
Diameter
Size
Code
A
B
C
D
E
H
< 5mm
T-52
52 ± 1
5 ± 0.5
4.0
min.
0.8
max.
1.2
max.
6 ± 1
T-52
52 ± 1
T-73
73 ± 1
6 ± 1
> 5mm
10 ± 0.5
4.0
min.
0.8
max.
1.2
max.
C2FR06
2020.01.29



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com