Electronic Components Datasheet Search
  English  ▼

X  

MR50 Datasheet(PDF) 1 Page - RFE international

Part # MR50
Description  FILM RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MR50 Datasheet(HTML) 1 Page - RFE international

  MR50 Datasheet HTML 1Page - RFE international MR50 Datasheet HTML 2Page - RFE international MR50 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTRODUCTION
Metal Film Resistors are designed to provide MIL
performance and reliability at a significantly lower cost.
High grade materials make the much smaller space
saver size available. Automated production assures
uniform quality and low cost.
FEATURES
RoHS
• Operating Temperature : -55C to +155C
• Low T.C.R : 5ppm ~200ppm/C
• High Precision Tolerance : 0.05% ~ 1%
C2FR06
2020.01.29
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
FILM RESISTORS
MR Series: Standard Metal Film
POWER RATING & DIMENSIONS (mm)
Page 1 of 3
PART NUMBER EXAMPLE
MR 50M R - 47K- J
Series
Size Code
Resistance
Packaging
Tolerance
RESISTANCE
Ohms
0.5
1.5
1.5K
15K
1.5Meg
150Meg
Code
0R5
1R5
1K5
15K
1M5
150M
TOLERANCE
PACKAGING
Packaging Code
R
A
B
C
Description
Tape & Reel
Taped Box
Loose (Bulk)
Cut & Form
Special Taping Suffix
T52, T73
L ± .5
D ± .5
H
d ± .05
MR12
0.125
150V
300V
3.3
1.8
26
0.40
MR25M
200V
400V
3.3
1.8
26
0.45
MR25
250V
6.3
2.3
26
0.52
MR50M
300V
6.3
2.3
26
0.52
MR50
350V
500V
9.0
3.2
26
0.52
MR100M
400V
600V
9.0
3.2
26
0.65
MR100
11.5
4.5
35
0.65
MR200M
11.5
4.5
35
0.65
MR200
15.5
5.0
35
0.72
MR300M
3
15.5
5.0
35
0.72
1. Resistance Range for standard resistance, below or over this resistance range on request.
2. Above resistance range is based on ±1% tolerance. Other tolerance is available on request.
500V
500V
700V
1000V
0.1 ~ 10M
(TOL: 1%)
T73
1
2
Standard
Taping
Code
0.25
0.50
Dimensions
Rated
Wattage
Max.
Working
Voltage
Max.
Overload
Voltage
Resistance
Range (Ω)
T52
±%
0
0.1
0.25
0.5
1
Code
A
B
C
D
F


Similar Part No. - MR50

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MR50 ADAM-TECH-MR50 Datasheet
136Kb / 1P
MINIATURE RIBBON IDC FLAT CABLE TERMINATION
logo
MicroPower Direct, LLC
MR50-110S05RW MPD-MR50-110S05RW Datasheet
768Kb / 4P
Compact, 50W Wide Input Railway DC/DC Converter
MR50-110S12RW MPD-MR50-110S12RW Datasheet
768Kb / 4P
Compact, 50W Wide Input Railway DC/DC Converter
MR50-110S15RW MPD-MR50-110S15RW Datasheet
768Kb / 4P
Compact, 50W Wide Input Railway DC/DC Converter
MR50-110S24RW MPD-MR50-110S24RW Datasheet
768Kb / 4P
Compact, 50W Wide Input Railway DC/DC Converter
More results

Similar Description - MR50

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
Film Resistors
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
Film Resistors
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
Film Resistors
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
Film Resistors
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
Film Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com