Electronic Components Datasheet Search
  English  ▼

X  

FDN337 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN337
Description  N-Channel 30 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDN337 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDN337 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
∆BV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
41
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V,VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
0.4
0.7
1
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
-2.3
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 4.5 V, ID = 2.2 A
54
65
Ω
V
GS = 2.5 V, ID = 2 A
70
82
I
D(ON)
On-State Drain Current
V
GS = 4.5 V, VDS = 5 V
10
A
g
FS
Forward Transconductance
V
DS = 5 V, ID = 2.2 A
13
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 10 V, VGS = 0 V,
f = 1.0 MHz
300
pF
C
oss
Output Capacitance
145
pF
C
rss
Reverse Transfer Capacitance
35
pF
SWITCHING CHARACTERISTICS (Note)
t
D(on)
Turn - On Delay Time
V
DD = 5 V, ID = 1 A,
V
GS = 4.5 V, RGEN = 6 Ω
4
10
ns
t
r
Turn - On Rise Time
10
18
ns
t
D(off)
Turn - Off Delay Time
17
28
ns
t
f
Turn - Off Fall Time
4
10
ns
Q
g
Total Gate Charge
V
DS = 10 V, ID = 2.2 A,
V
GS = 4.5 V
7
9
nC
Q
gs
Gate-Source Charge
1.1
nC
Q
gd
Gate-Drain Charge
1.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
0.42
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.42 A (Note)
0.65
1.2
V
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Typical RθJA using the board layouts shown below on FR-4 PCB in a still air environment :
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
a. 250
oC/W when mounted on
0.02 in
2 pad of 2oz Cu.
b. 270
oC/W when mounted on
a 0.001 in
2 pad of 2oz Cu.
N-Channel 30 V (D-S) MOSFET
UMW
R
FDN337
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com