Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 2 Page - Analog Devices

  LTC7821 Datasheet HTML 1Page - Analog Devices LTC7821 Datasheet HTML 2Page - Analog Devices LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LTC7825
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC............................................................. –0.3V to 40V
VLOW, VOUT .................................................–0.3V to 13V
VHIGH .......................................................... 0.3V to 26V
(BOOSTH – SWH), (BOOSTL – SWL)........ –0.3V to 5.5V
(FL5V – VLOW) (OVG – VHIGH)................. –0.3V to 5.5V
INTVCC, RUN................................................ –0.3V to 6V
EXTVCC.......................................................–0.3V to 13V
HYS_PRGM, FREQ, TIMER ...................–0.3V to INTVCC
FAULT, OVG................................................ –0.3V to 29V
Operating Junction Temperature Range. –40°C to 125°C
Storage Temperature Range .................. –40°C to 150°C
(All the voltage is referred to the SGND pin unless otherwise
specified) (Note 1)
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7825AV#PBF
7825
28-Lead (4mm × 5mm) Plastic LQFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
9 10
TOP VIEW
LGA PACKAGE
28-LEAD (4mm x 5mm) PLASTIC LQFN
TJMAX = 125ºC, θJA = 29.7ºC/W
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VHIGH
SWH
SWH
VLOW
VLOW
SWL
SWL
PGND
BOOSTH
FAULT
FREQ
FL5V
HYS_PRGM
RUN
TIMER
BOOSTL
7
17
18
19
20
21
22
16
8
15
SGND
VLOW
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com