Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 3 Page - Analog Devices

  LTC7821 Datasheet HTML 1Page - Analog Devices LTC7821 Datasheet HTML 2Page - Analog Devices LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LTC7825
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, VRUN = 5V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT/OUTPUT VOLTAGE
VCC
IC Bias Voltage Range
4.5
40
V
VVHIGH
VHIGH Voltage Range
0
25
V
VVLOW
VLOW Voltage Range
0
12.5
V
IQ
VCC Supply Current
Normal Operation
VRUN = 0V
VRUN = 5V, No Switching
20
3
μA
mA
VUVLO
Undervoltage Lockout Threshold
VINTVCC Falling
VINTVCC Rising
3.9
4.2
V
V
Gate Drivers
RDS(ON)1,2
Top Two MOSFETs On-Resistance
8
mΩ
RDS(ON)3,4
Bottom Two MOSFETs On-Resistance
6
mΩ
RDS(ON)5
VOUT MOSFETs On-Resistance
2.5
mΩ
RUN Pin
VRUN
RUN Pin on Threshold
VRUN Rising
1.1
1.22
1.35
V
VRUN,HYS
RUN Pin on Hysteresis
80
mV
INTVCC Regulator
VINTVCC_VCC
VCC LDO Voltage No Load
VCC = 12V, VEXTVCC = 0V
4.25
4.5
4.75
V
VINTVCC_EXT
EXTVCC LDO Voltage No Load
VEXTVCC = 8V, VCC = 12V (Note 5)
4.25
4.5
4.75
V
VEXTVCC
EXTVCC Switchover Voltage
VEXTVCC Ramping Positive (Note 6)
5.1
V
VLDOHYS
EXTVCC Hysteresis
300
mV
VHIGH and VLOW Resistance
RVHIGH
VHIGH to GND Resistance
1.2
MegΩ
RVLOW
VLOW to GND Resistance
0.6
MegΩ
VLOW Balance Current
ISOURCE
Source Current to VLOW Pin
VHIGH = 12V, VLOW = 5V, TIMER = 0.8V
200
mA
ISINK (LTC7825)
Sink Current from VLOW Pin
VHIGH = 12V, VLOW = 7V, TIMER = 0.8V
50
mA
Oscillator
fS
Oscillator Frequency Range
100
1200
kHz
fNOM
Nominal Frequency
VFREQ = 0V
VFREQ = 1.02V
VFREQ = INTVCC
300
400
600
kHz
kHz
kHz
IFREQ
FREQ Setting Current
9
10
11
μA
FAULT and HYS_PRGM
RFAULT
FAULT Open-Drain Pull-Down
Resistance
180
Ω
IFAULT_LEAK
FAULT Leakage Current
VFAULT = 29V
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com