Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3255
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3255 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3255 Datasheet HTML 3Page - Analog Devices LTC3255 Datasheet HTML 4Page - Analog Devices LTC3255 Datasheet HTML 5Page - Analog Devices LTC3255 Datasheet HTML 6Page - Analog Devices LTC3255 Datasheet HTML 7Page - Analog Devices LTC3255 Datasheet HTML 8Page - Analog Devices LTC3255 Datasheet HTML 9Page - Analog Devices LTC3255 Datasheet HTML 10Page - Analog Devices LTC3255 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LTC7825
7
Rev. A
For more information www.analog.com
PIN FUNCTIONS
VHIGH (Pins 1, 28): Switched Capacitor Converter High
Side Voltage Input. Connect capacitors from VHIGH to GND
and to VLOW for high efficiency operation.
SWH (Pins 2, 3): High Side Switching Node. Connect to
the flying capacitors.
VLOW (Pins 4, 5): Switched Capacitor Converter Low Side
Voltage Input. Connect capacitors from VLOW to GND.
SWL (Pins 6, 7): Low Side Switching Node. Connect to
the flying capacitors.
PGND (Pins 8, 9, 10, 11 ): Power Ground.
VOUT (Pins 12, 13, 14): Output of the Internal Disconnect
MOSFET Connected to VLOW. The input short protection is
achieved by turning off the internal disconnect MOSFET.
If internal disconnect is not needed, VOUT may be short
to VLOW externally for higher efficiency.
BOOSTL, BOOSTH (Pins 15, 22): Bootstrapped Supplies
to the floating Drivers. Capacitors are connected between
the BOOSTH to SWH and BOOSTL to SWL pins.
TIMER (Pin 16): Connecting a capacitor between this pin
and ground sets the amount of time of soft start-up. It
also sets the short-circuit retry time. See the Applications
Information section for details.
RUN (Pin 17): Digital Run Control Input. Forcing RUN
below 1.2V shuts down the controller. When RUN pin is
higher than 1.2V, internal circuitry starts up. A 1µA pull-
up current flows out of RUN pin when RUN is below 1.2V
and an additional 4.5µA current flowing out of RUN pin
when RUN is above 1.2V.
HYS_PRGM (Pin 18): A resistor connected between
this pin and ground will set the window threshold of the
window comparator that monitors the voltage difference
across VHIGH/2 and VLOW. Tying this pin to GND or INTVCC
sets the window to 240mV or 400mV, respectively. There
is a 10µA current flowing throughout this pin.
FL5V (Pin 19): Floating 5V power for the internal driver
and control circuit. A 0.1µF ~ 1µF ceramic capacitor or
other low ESR capacitor is required from this pin to the
VLOW pin.
FREQ (Pin 20): Frequency Set Pin. There is a precision
10μA current flowing out of this pin. A resistor to ground
sets a voltage which in turn programs the frequency. Tying
this pin to GND or INTVCC sets the default 300kHz/600kHz
switching frequency. See the Applications Information
section for the detailed information.
FAULT (Pin 21): This is an open-drain output. FAULT is
pulled to ground when the VLOW voltage is out of the
VHIGH/2 window threshold.
SGND (Pin 23): Signal Ground. All small-signal compo-
nents should connect to this ground. Connect this pin with
PGND pins on the PCB.
EXTVCC (Pin 24): External Power Input to an Internal
LDO Connected to the INTVCC. This LDO supplies INTVCC
power, bypassing the internal LDO powered from VCC
whenever EXTVCC is higher than 5V and VCC is higher
than 6V. Do not float or exceed 14V on this pin.
INTVCC (Pin 25): Output of the Internal Linear Low
Dropout Regulator. The driver and control circuits are
powered from this voltage source. Must be bypassed to
power ground with a minimum of 4.7µF ceramic or other
low ESR capacitor. Do not use the INTVCC pin for any
other ICs.
VCC (Pin 26): Power supply for drivers and internal charg-
ing circuit. A bypass capacitor should be tied between this
pin and the GND pin.
OVG (Pin 27): Optional input over voltage protection pin.
connect this pin to the gate of the external N-channel
MOSFET. If the VHIGH voltage is higher than 26V, the
OVG turns off the external MOSFET. If not used, leave
this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com