| Electronic Components Datasheet Search |
|
LTC3255 Datasheet(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC3255 Datasheet(HTML) 1 Page - Analog Devices |
|
1 / 19 page ![]() LTC7825 1 Rev. A For more information www.analog.com Document Feedback TYPICAL APPLICATION FEATURES DESCRIPTION Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections The LTC®7825 is a fully integrated monolithic DC/DC con- verter. It achieves very high efficiency with a switched capacitor architecture in applications with 2:1 input to output voltage ratio. The LTC7825 input can survive volt- age transient up to 40V when protected by an optional MOSFET between VIN and VHIGH. The input and output are fully disconnected during short-circuit conditions. The LTC7825 features integrated bootstrap diodes and provides a compact and cost-effective solution for high power intermediate bus applications requiring current limit protections. The LTC7825 operating switching frequency can be lin- early programmed from 100kHz to 1.4MHz. The part is available in a 4mm × 5mm LGA (LQFN) package. Efficiency and Power Loss vs Load Current APPLICATIONS n Wide VHIGH/VLOW Voltage from 0V/0V to 24V/12V n Wide VCC Supply Range from 4.5V to 38V n Very High Efficiency: 97% at 10A Load n Input Overvoltage Protection with External Overvoltage Protection MOSFET n Input and Output Short-Circuit Protection n Soft Start-Up into Steady-State Operation n EXTVCC Capable of 5V to 14V Input for High Efficiency n Inrush Current Limit and Protection n Integrated Bootstrap Diodes n Programmable Operating Frequency from 100kHz to 1.4MHz n Available in a 4mm × 5mm LGA (LQFN) Package n Consumer Electronics n Industrial Applications n Battery Applications All registered trademarks and trademarks are the property of their respective owners. VHIGH CFLY 120µF 4.7µF SGND EXTVCC FAULT TIMER VCC RUN FREQ INTVCC HYS_PRGM BOOSTH OPTIONAL BOOSTL SWL SWH FL5V VLOW VOUT 0A ~ 12A CHIGH 40µF COUT 40µF CLOW 60µF CTIMER OVG 1µF 0.1µF 0.47µF VHIGH CIN VIN 20V PGND VOUT VLOW 78251 TA01a LTC7825 INTVCC VOUT INTVCC INTVCC EFFICIENCY POWER LOSS VHIGH = 20V VLOW = 10V LOAD CURRENT (A) 0 2 4 6 8 10 12 90 91 92 93 94 95 96 97 98 99 100 0 2 4 6 8 10 78251 TA01b |
Similar Part No. - LTC3255 |
|
Similar Description - LTC3255 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |