Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4664
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 30Page - Analog Devices LTM4664 Datasheet HTML 31Page - Analog Devices LTM4664 Datasheet HTML 32Page - Analog Devices LTM4664 Datasheet HTML 33Page - Analog Devices LTM4664 Datasheet HTML 34Page - Analog Devices LTM4664 Datasheet HTML 35Page - Analog Devices LTM4664 Datasheet HTML 36Page - Analog Devices LTM4664 Datasheet HTML 37Page - Analog Devices LTM4664 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
LTM4683
34
Rev. 0
For more information www.analog.com
OPERATION
PolyPhase LOAD SHARING
Multiple LTM4683s can be arrayed to provide a balanced
load-share solution by bussing the necessary pins.
Figure 50 illustrates an 8-phase design sharing connec-
tion required for load sharing.
If an external oscillator is not provided, the SYNC_nn pins
should only be enabled on one of the LTM4683s con-
trollers. The other(s) should be programmed to disable
SYNC_nn controllers using bit 4 of MFR_CONFIG_ALL. If
an external oscillator is present, the chip with the SYNCnn
pin enabled will detect the presence of the external clock
and disable its output.
Multiple channels need to tie all the VOSNSn+ pins together,
and all the VOSNSn– pins together, COMPna and COMPnb pins
together as well. Do not assert bit[4] of MFR_CONFIG_ALL
except in a PolyPhase® application.
The user must share the SYNC_nn, SHARE_CLK_nn,
FAULTn, and ALERTn pins of these parts. Use pull-up
resistors on SYNC_nn, FAULTn, SHARE_CLK_nn, and
ALERTn. See the Typical Applications figures.
INTERNAL TEMPERATURE SENSE
Temperature is measured using the internal diode-con-
nected PNP transistors, and the outputs are connected to
TSNS0 to TSNS3 pins corresponding to Channels 0 to 3.
These outputs are used for testing. Two different currents
are applied to the diode (nominally 2µA and 32µA), and
the temperature is calculated from a ∆VBE measurement
made with the internal 16-bit monitor ADC (see Figure 2
Simplified Block Diagram).
The LTM4683 will only implement ∆VBE temperature
sensing; therefore MFR_PWM_MODE bit [5] is reserved.
RCONFIG (RESISTOR CONFIGURATION) PINS
There are twelve input pins utilizing 1% resistors between
these pins to select key operating parameters. The pins
are ASEL_01, ASEL_23, FSWPH_01_CFG, FSWPH_23_
CFG, VOUT0_CFG, VOUT1_CFG, VOUT2_CFG, VOUT3_
CFG, VTRIM0_CFG, VTRIM1_CFG, VTRIM2_CFG, and
VTRIM3_CFG. If pins are floated, the value stored in the
corresponding NVM command is used. If bit 6 of the
MFR_CONFIG_ALL configuration command is asserted in
NVM, the resistor input is ignored upon power-up except
for ASEL, which is always respected. The resistor con-
figuration pins are only measured during a power-up reset
or, after a MFR_RESET, or after a RESTORE_USER_ALL
command is executed.
The VOUTn_CFG pin settings are described in Table 1.
These pins set the LTM4683 VOUT0 to VOUT3 output voltage
coarse settings. If the pin is open, the VOUT_COMMAND
command is loaded from NVM to determine the output
voltage. The default setting is to have the switcher off
unless the voltage configuration pins are installed. The
VTRIMn_CFG pins in Table 2 are used to set the output
voltage fine adjustment setting. Both combine to offer
several distinct output voltages.
The following parameters are set as a percentage of the
output voltage if the RCONFIG pins are used to determine
the output voltage.
n
VOUT_OV_FAULT_LIMIT....................................+10%
n
VOUT_OV_WARN_LIMIT....................................+7.5%
n
VOUT_MAX.........................................................+7.5%
n
VOUT_MARGIN_HIGH........................................+5%
n
VOUT_MARGIN_LOW.........................................–5%
n
VOUT_UV_FAULT_LIMIT....................................–7%
The FSWPH_CFG_nn pin settings are described in Table 3.
This pin selects the switching frequency and phase of each
channel. The phase relationships between the two chan-
nels and the SYNC_nn pin are determined in Table 3. To
synchronize to an external clock, the part should be put into
external clock mode (SYNC_nn output disabled, but fre-
quency set to the nominal value). If no external clock is sup-
plied, the part will clock at the programmed frequency. If the
application is multiphase and the SYNC_nn signal between
chips is lost, the parts will not operate at the designed
phase, even if they are programmed and trimmed to the
same frequency. This can increase the ripple voltage on
the output, possibly producing undesirable operation. If
the external SYNC_nn signal is being generated internally
and external SYNC_nn is not selected, bit 10 of MFR_
PADS will be asserted. If no frequency is selected and the
external SYNC_nn frequency is not present, a PLL_FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com