Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4664
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 59Page - Analog Devices LTM4664 Datasheet HTML 60Page - Analog Devices LTM4664 Datasheet HTML 61Page - Analog Devices LTM4664 Datasheet HTML 62Page - Analog Devices LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
LTM4683
63
Rev. 0
For more information www.analog.com
Figure 27. Programmable Loop Compensation
Figure 28. Error Amp gm Adjust
INCREASE gm
FREQUENCY
4683 F28
GAIN
TYPE II COMPENSATION
–
+
VREF
FB
4683 F27
CCOMPH
CCOMPL
COMPnb
RCOMPn
COMPna
gm
APPLICATIONS INFORMATION
closed-loop response test point. The DC step, rise time
and settling time at this test point truly reflect the closed-
loop response. Assuming a predominantly second-order
system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin. The COMPna external capacitor
shown in the Typical Application circuits will provide an
adequate starting point for most applications. The pro-
grammable parameters that affect loop gain are the output
voltage range bit[1] of the MFR_PWM_MODE command,
the current range bit[7] of the MFR_PWM_MODE com-
mand, the gm of the PWM channel amplifier bits [7:5] of
MFR_PWM_COMP, and the internal RCOMP compensa-
tion resistor bits[4:0] of MFR_PWM_COMP. Be sure to
establish these settings before compensation calculation.
The COMPna series internal RCOMPn and external CCOMPna
filter sets the dominant pole-zero loop compensation. The
internal RCOMPn value can be modified (from 0Ω to 62kΩ)
using bits[4:0] of the MFR_PWM_COMP command. Adjust
the value of RCOMPn to optimize transient response once
the final PCB layout is done and the particular CCOMPnb
filter capacitor and output capacitor type and value have
been determined. The output capacitors must be selected
because the various types and values determine the loop
gain and phase. An output current pulse of 20% to 80%
of full-load current having a rise time of 1µs to 10µs will
produce output voltage and COMP pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop. Placing a power MOSFET with a resistor
to ground directly across the output capacitor and driving
the gate with an appropriate signal generator is a practi-
cal way to produce a load step. The MOSFET + RSERIES
will produce output currents approximately equal to VOUT/
RSERIES. RSERIES values from 0.1Ω to 2Ω are valid depend-
ing on the current limit settings and the programmed
output voltage. The initial output voltage step resulting
from the step change in output current may not be within
the bandwidth of the feedback loop, so this signal cannot
be used to determine the phase margin. This is why it
is better to look at the COMP pin signal, which is in the
feedback loop and is the filtered and compensated control
loop response. The gain of the loop will be increased by
increasing RCOMP, and the bandwidth of the loop will be
Figure 29. RCOMP Adjust
INCREASE RCOMPn
FREQUENCY
4683 F29
GAIN
TYPE II COMPENSATION
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating, the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time, VOUT can be monitored for excessive overshoot or
ringing, indicating a stability problem. The availability of
the COMP pin not only allows optimization of control loop
behavior but also provides a DC-coupled and AC-filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com