Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # SAC
Description  5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SAC Datasheet(HTML) 4 Page - UN Semiconducctor INC

  SAC Datasheet HTML 1Page - UN Semiconducctor INC SAC Datasheet HTML 2Page - UN Semiconducctor INC SAC Datasheet HTML 3Page - UN Semiconducctor INC SAC Datasheet HTML 4Page - UN Semiconducctor INC SAC Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/4
Part Numbering
SACXXX
SAC Series
5.0 To 50V 500W Low Capacitance
VR VOLTAGE
SERIES
Ordering Information
Part Number
Component Package
Quantity
Packaging Option
SACXXXXX
DO-204AC (DO-15)
2000 pcs
Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com