Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # SAC
Description  5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SAC Datasheet(HTML) 1 Page - UN Semiconducctor INC

  SAC Datasheet HTML 1Page - UN Semiconducctor INC SAC Datasheet HTML 2Page - UN Semiconducctor INC SAC Datasheet HTML 3Page - UN Semiconducctor INC SAC Datasheet HTML 4Page - UN Semiconducctor INC SAC Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The SAC series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
SAC Series
Features
Description
Applications
ROHS
Revision March 1,2022
Axial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
5.0 To 50V 500W Low Capacitance
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/4
Glass passivated junction
500W peak pulse power capability with a 10/1000 μ s waveform,
repetitive rate (duty cycle):0.01 %
Low leakage
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer, Industrial
and Consumer electronic applications.
Uni-directional
Part
Number
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Maximum
Junction
Capacitance
@0V
(pF)
Working
Inverse
Blocking
Voltage
VWIB (V)
Inverse
Blocking
Leakage
Current IIB
@VWIB(mA)
Peak
Inverse
Voltage
VPIB
(V)
Electrical Characteristics (TA=25℃ unless otherwise noted) (Continue)
7.60
7.90
8.33
8.89
9.44
11.10
13.30
16.67
20.00
24.40
28.90
33.30
40.00
50.00
55.50
SAC5.0
SAC6.0
SAC7.0
SAC8.0
SAC8.5
SAC10
SAC12
SAC15
SAC18
SAC22
SAC26
SAC30
SAC36
SAC45
SAC50
5.0
6.0
7.0
8.0
8.5
10.0
12.0
15.0
18.0
22.0
26.0
30.0
36.0
45.0
50.0
44.0
41.0
38.0
36.0
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.6
6.8
5.8
10.0
11.2
12.6
13.4
14.0
16.3
19.0
23.6
28.8
35.4
42.3
48.6
60.0
77.0
88.0
300
300
300
100
50
5
5
5
5
5
5
5
5
5
5
75
75
75
75
75
75
75
75
75
75
75
75
75
150
150
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
MIN
Maximum Ratings (TA=25℃ unless otherwise noted)
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25°C per Fig. 2
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000µs waveform(1)
Peak Pulse Current with a 10/1000µs waveform. (Fig.2)(1)
Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2)
Junction and Storage Temperature Range.
Operating Temperature Range
PPPM
IPP
PM(AV)
TJ, TSTG
TOP
500
See Next Table
3.0
- 55 to +150
- 40 to +125
W
A
W
°C
°C


Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
Transient Voltage Suppressors
More results

Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
LCE UNSEMI-LCE Datasheet
3Mb / 6P
6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SACA UNSEMI-SACA Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACB UNSEMI-SACB Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com