Electronic Components Datasheet Search
  English  ▼

X  

SA80C Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # SA80C
Description  5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SA80C Datasheet(HTML) 1 Page - UN Semiconducctor INC

  SA80C Datasheet HTML 1Page - UN Semiconducctor INC SA80C Datasheet HTML 2Page - UN Semiconducctor INC SA80C Datasheet HTML 3Page - UN Semiconducctor INC SA80C Datasheet HTML 4Page - UN Semiconducctor INC SA80C Datasheet HTML 5Page - UN Semiconducctor INC SA80C Datasheet HTML 6Page - UN Semiconducctor INC SA80C Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The SA series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Glass passivated chip junction in DO-15 Package
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
500W Peak power capability at 10 × 1000µs waveform Repetition
rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Typical IR less than 5μA above 8V
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient
ΔVBR = 0.1% × VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with
IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with
IEC 61000-4-4 (IEC801-4)
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer, Industrial
and Consumer electronic applications.
Features
Description
Uni-directional
Bi-directional
Applications
ROHS
Revision March 1,2022
Axial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
5.0 To 190V 500W
www.unsemi.com.tw
Cathode
Bi-directional
Anode
Uni-direction
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/6
SA Series
Functional Diagram
Maximum Ratings (TA=25℃ unless otherwise noted)
Notes: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
4. VF < 3.5V for VBR < 200V and VF< 6.5V for VBR > 201V.
500
See Next Table
3.0
70
3.5/5.0
-55 to +150
-40 to +125
PPPM
IPP
PM(AV)
IFSM
VF
TJ ,TSTG
TOP
Peak Pulse Power Dissipation with a 10/1000µs waveform (Fig.1)(Note 1), (Note 2)
Peak Pulse Current with a 10/1000µs waveform.(Note1,Fig.3)
Power Dissipation on Infinite Heat Sink at TL=75°C
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
Maximum Instantaneous Forward Voltage at 25A for Unidirectional Only (Note 4)
Junction and Storage Temperature Range
Operating Temperature Range
W
A
W
A
V
°C
°C
Parameter
Symbol
Value
Unit


Similar Part No. - SA80C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SA80C SOCAY-SA80C Datasheet
475Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
SA80C SOCAY-SA80C Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
SA80CA SOCAY-SA80CA Datasheet
475Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
SA80CA SOCAY-SA80CA Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SA80C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
3KP UNSEMI-3KP Datasheet
3Mb / 7P
5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
5KP UNSEMI-5KP Datasheet
4Mb / 8P
5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SAC UNSEMI-SAC Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com