Electronic Components Datasheet Search
  English  ▼

X  

SA80C Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # SA80C
Description  5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SA80C Datasheet(HTML) 3 Page - UN Semiconducctor INC

  SA80C Datasheet HTML 1Page - UN Semiconducctor INC SA80C Datasheet HTML 2Page - UN Semiconducctor INC SA80C Datasheet HTML 3Page - UN Semiconducctor INC SA80C Datasheet HTML 4Page - UN Semiconducctor INC SA80C Datasheet HTML 5Page - UN Semiconducctor INC SA80C Datasheet HTML 6Page - UN Semiconducctor INC SA80C Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SA Series
5.0 To 190V 500W
3/6
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
SA43
SA43A
SA45
SA45A
SA48
SA48A
SA51
SA51A
SA54
SA54A
SA58
SA58A
SA60
SA60A
SA64
SA64A
SA70
SA70A
SA75
SA75A
SA78
SA78A
SA80
SA80A
SA85
SA85A
SA90
SA90A
SA100
SA100A
SA110
SA110A
SA120
SA120A
SA130
SA130A
SA140
SA140A
SA150
SA150A
SA160
SA160A
SA170
SA170A
SA180
SA180A
SA190
SA190A
SA43C
SA43CA
SA45C
SA45CA
SA48C
SA48CA
SA51C
SA51CA
SA54C
SA54CA
SA58C
SA58CA
SA60C
SA60CA
SA64C
SA64CA
SA70C
SA70CA
SA75C
SA75CA
SA78C
SA78CA
SA80C
SA80CA
SA85C
SA85CA
SA90C
SA90CA
SA100C
SA100CA
SA110C
SA110CA
SA120C
SA120CA
SA130C
SA130CA
SA140C
SA140CA
SA150C
SA150CA
SA160C
SA160CA
SA170C
SA170CA
SA180C
SA180CA
SA190C
SA190CA
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
80.0
80.0
85.0
85.0
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
140.0
140.0
150.0
150.0
160.0
160.0
170.0
170.0
180.0
180.0
190.0
190.0
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
88.80
88.80
94.40
94.40
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
155.00
155.00
167.00
167.00
178.00
178.00
189.00
189.00
201.00
201.00
211.00
211.00
58.40
52.80
61.10
55.30
65.10
58.90
69.30
62.70
73.30
66.30
78.70
71.20
81.50
73.70
86.90
78.60
95.10
86.00
102.00
92.10
106.00
95.80
108.80
97.60
115.00
104.00
122.00
111.00
136.00
123.00
149.00
135.00
163.00
147.00
176.00
159.00
190.40
171.00
204.00
185.00
218.00
197.00
231.00
209.00
244.80
220.00
258.40
232.00
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
143.2
129.6
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
250.6
226.8
268.0
243.0
287.0
259.0
304.0
275.0
322.2
291.6
340.1
307.8
6.52
7.20
6.23
6.88
5.85
6.46
5.49
6.07
5.19
5.74
4.85
5.34
4.67
5.17
4.39
4.85
4.00
4.42
3.37
4.13
3.60
3.97
3.49
3.86
3.31
3.65
3.13
3.42
2.79
3.09
2.55
2.82
2.34
2.59
2.16
2.39
2.00
2.20
1.87
2.06
1.74
1.93
1.64
1.82
1.55
1.71
1.47
1.62
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com