Electronic Components Datasheet Search
  English  ▼

X  

SA4558D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA4558D
Description  Dual general-purpose operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA4558D Datasheet(HTML) 2 Page - NXP Semiconductors

  SA4558D Datasheet HTML 1Page - NXP Semiconductors SA4558D Datasheet HTML 2Page - NXP Semiconductors SA4558D Datasheet HTML 3Page - NXP Semiconductors SA4558D Datasheet HTML 4Page - NXP Semiconductors SA4558D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE4558
Dual general-purpose operational amplifier
August 31, 1994
66
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
SE4558
±22
V
NE4558, SA4558
±18
V
PD MAX
Maximum power dissipation,
TA=25°C (Still air)1
N package
1160
mW
D package
780
mW
Differential input voltage
±30
V
VIN
Input voltage2
±15
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range
SE4558
-55 to +125
°C
SA4558
-40 to +85
°C
NE4558
0 to +70
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
Output short-circuit duration3
Indefinite
NOTES:
1. Derate above 25
°C at the following rates:
N package at 9.3mW/
°C
D package at 6.2mW/
°C
2. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
3. Short-circuit may be to ground on one amp only. Rating applies to +125
°C case temperature or +75°C ambient temperature for NE4558 and
to +85
°C ambient temperature for SA4558.
DC ELECTRICAL CHARACTERISTICS
VCC=+15V, TA= 25°C unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE4558
SA/NE4558
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage
RS≤10kΩ
1.0
5.0
2.0
6.0
mV
∆VOS/∆T
Over temp.
4
4
µV/°C
IOS
Input offset current
50
200
30
200
nA
∆IOS/∆T
Over temp.
20
20
pA/
°C
IBIAS
Input bias current
40
500
200
500
nA
∆IB/∆T
Over temp.
40
40
pA/
°C
RIN
Input resistance
0.3
1.0
0.3
1.0
M
Ω
AV
Large-signal voltage gain
RL≥2kΩ
VOUT=±10V
50,00
0
300,0
00
20,00
0
300,0
00
V/V
Output voltage swing
RL≥10kΩ
RL≥2kΩ
±12
±10
±14
±13
±12
±10
±14
±13
V
V
VIN
Input voltage range
±12
±13
±12
±13
V
CMRR
Common-mode rejection ratio
RS≤10kΩ
70
100
70
100
dB
PSRR
Power supply rejection ratio
RS≤10kΩ
10
150
10
150
µV/V
ISC
Short-circuit current
5
25
60
5
25
60
mA
Power consumption (all amplifiers)
RL=∞
120
170
120
170
mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com