Electronic Components Datasheet Search
  English  ▼

X  

SA4558D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA4558D
Description  Dual general-purpose operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA4558D Datasheet(HTML) 3 Page - NXP Semiconductors

  SA4558D Datasheet HTML 1Page - NXP Semiconductors SA4558D Datasheet HTML 2Page - NXP Semiconductors SA4558D Datasheet HTML 3Page - NXP Semiconductors SA4558D Datasheet HTML 4Page - NXP Semiconductors SA4558D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE4558
Dual general-purpose operational amplifier
August 31, 1994
67
DC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
SE4558
SA/NE4558
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
tR
Transient response (unity gain)
VIN=20mV
RL=2kΩ
CL≤100pF
tR
Rise time
100
100
ns
Overshoot
15.0
15.0
%
SR
Slew rate (unity gain)
RL≥2kΩ
1.0
1.0
V/
µs
Channel separation (gain=100)
f=10kHz
RS=1kΩ
90
90
dB
GBW
Unity gain bandwidth (gain=1)
2.0
3.0
2.0
3.0
MHz
θM
Phase margin
45
45
De-
gree
VNOISE
Input noise voltage
f=1k
Ω
25
25
nV/
√H
z
NOTE: The following specifications apply over operating temperature range.
VOS
Input offset voltage
RS≤10kΩ
6.0
7.5
mV
IOS
Input offset current
500
300/5001
nA
IBIAS
Input bias current
1500
800/1500
1
nA
AV
Large-signal voltage gain
RL≥2kΩ
VOUT=±10V
25,000
15,000
V/V
Output voltage swing
RL≥2kΩ
±10
±10
V
PC
Power consumption
TA=HIGH
TA=LOW
105
125
150
200
115
120
150
200
mW
mW
NOTES:
1. SA4558 only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com