Electronic Components Datasheet Search
  English  ▼

X  

NE5019N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5019N
Description  8-Bit mp-compatible D/A converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5019N Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5019N Datasheet HTML 1Page - NXP Semiconductors NE5019N Datasheet HTML 2Page - NXP Semiconductors NE5019N Datasheet HTML 3Page - NXP Semiconductors NE5019N Datasheet HTML 4Page - NXP Semiconductors NE5019N Datasheet HTML 5Page - NXP Semiconductors NE5019N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
August 31, 1994
752
BLOCK DIAGRAM
(13)
(12)
(20)
(18)
(21)
(22)
(14)
(15)
BIPOLAR
OFFSET
VREF
IN
ANALOG
GND
AMP
COMP
SUM
NODE
DAC CURRENT
OUTPUT
LATCHES AND
SWITCH DRIVERS
DAC SWITCHES
5k
5k
15k
(19)
(10)
MSB
LSB
(1)
DIGITAL
GND
5k
VCC+
INT
VREF
(9)
DB7
(8)
DB6
(7)
DB5
(6)
DB4
(5)
DB3
(4)
DB2
(3)
DB1
(2)
DB0
LE
VCC–
(16)
VOUT
5k
5k
+
–
+
–
+
–
DAC
COMP
VREF
OUT
VREF
ADJ
(17)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC+
Positive supply voltage
18
V
VCC-
Negative supply voltage
-18
V
VIN
Logic input voltage
0 to 18
V
VREF IN
Voltage at VREF input
12
V
VREF ADJ
Voltage at VREF adjust
0 to VREF
V
VSUM
Voltage at sum node
12
V
IREF SC
Short-circuit current to ground at VREF OUT
Continuous
IOUTSC
Short-circuit current to ground or either supply at VOUT
Continuous
PD
Maximum power dissipation, TA=25°C (still-air)1
F package
1740
mW
N package
2190
mW
D package
1600
mW
TA
Operating temperature range
SE5018
-55 to +125
°C
NE5018
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature
(10 seconds)
300
°C
NOTES:
1. Derate above 25
°C at the following rates:
F package at 13.9mW/
°C
N package at 17.5mW/
°C
D package at 12.8mW/
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com