Electronic Components Datasheet Search
  English  ▼

X  

NE5019N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5019N
Description  8-Bit mp-compatible D/A converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5019N Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5019N Datasheet HTML 1Page - NXP Semiconductors NE5019N Datasheet HTML 2Page - NXP Semiconductors NE5019N Datasheet HTML 3Page - NXP Semiconductors NE5019N Datasheet HTML 4Page - NXP Semiconductors NE5019N Datasheet HTML 5Page - NXP Semiconductors NE5019N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
August 31, 1994
754
AC ELECTRICAL CHARACTERISTICS1
VCC = ±15V, TA = 25°C
SYMBOL
PARAMETER
TO
FROM
TEST CONDITIONS
NE/SE5018/19
UNIT
SYMBOL
PARAMETER
TO
FROM
TEST CONDITIONS
Min
Typ
Max
UNIT
tSLH
Settling time
±1/2LSB
Input
All bits low-to-high2
1.8
µs
tSHL
Settling time
±1/2LSB
Input
All bits high-to-low3
2.3
µs
tPLH
Propagation delay
Output
Input
All bits switched low-to-high2
300
ns
tPHL
Propagation delay
Output
Input
All bits switched high-to-low3
150
ns
tPLSB
Propagation delay
Output
Input
1 LSB change2, 3
150
ns
tPLH
Propagation delay
Output
LE
Low-to-high transition4
300
ns
tPHL
Propagation delay
Output
LE
High-to-low transition5
150
ns
tS
Setup time
LE
Input
1, 6
100
ns
tH
Hold time
Input
LE
1, 6
50
ns
tPW
Latch enable pulse width
1, 6
150
ns
NOTES:
1. Refer to Figure 2.
2. See Figure 5.
3. See Figure 6.
4. See Figure 7.
5. See Figure 8.
6. See Figure 9.
7. For reference currents>3mA, use of an external buffer is required.
Figure 1. DC Parametric Test Configuration
0.47
µF
MSB
LSB
9 8 7 6 5 4 3 2
19
1
22
18
20
21
15
17
16
12
13
14
10
DAC
COMP
5018
COMP
AMP
SUM
ANA GND
DIG GND
LE
VREF IN
VREF OUT
VOUT
VCC+
0.01
µF
0.1
µF
VCC–
OUTPUT
2k
22pF
1N914
100pF
5.000V
Figure 2. AC Parametric Test Configuration
MSB
LSB
9 8 7 6 5 4 3 2
19
1
22
18
20
21
15
17
16
12
13
14
10
DAC
COMP
5018
COMP
AMP
SUM
ANA GND
DIG GND
OUTPUT
2k
22pF
1N914
100pF
0.47
µF
LE
VOUT
VCC+
0.01
µF
0.1
µF
VCC–
VREF IN
Figure 3. Full-/Zero-Scale Adjust — Unipolar Output (0–10V)
0.47
µF
MSB
LSB
10k
10T
80k
9 8 7 6 5 4 3 2
19
1
22
18
20
21
15
17
16
12
13
14
10
DAC
COMP
5018
COMP
AMP
SUM
ANA GND
DIG GND
LE
VREF OUT
VREF ADJ
VOUT
VCC+
0.01
µF
0.1
µF
VCC–
OUTPUT
2k
22pF
1N914
100pF
1M
VCC+
20k
10T
ZERO SCALE
ADJUST
VCC–
FULL SCALE
ADJUST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com