Electronic Components Datasheet Search
  English  ▼

X  

SA5209 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5209
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5209 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5209 Datasheet HTML 4Page - NXP Semiconductors SA5209 Datasheet HTML 5Page - NXP Semiconductors SA5209 Datasheet HTML 6Page - NXP Semiconductors SA5209 Datasheet HTML 7Page - NXP Semiconductors SA5209 Datasheet HTML 8Page - NXP Semiconductors SA5209 Datasheet HTML 9Page - NXP Semiconductors SA5209 Datasheet HTML 10Page - NXP Semiconductors SA5209 Datasheet HTML 11Page - NXP Semiconductors SA5209 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
1990 Aug 20
8
50
Ω
50
Ω
50
Ω
+5V
SOURCE
OUTPUT
5209
Gain = 19dB + 20log10 VAGC
and is in units of Volts, for VAGC ≤ 1V
where VAGC =
R
2
R
1 ) R2
V
BG
VBG
VAGC
R1
R2
SR00247
Figure 11. User-Programmable Fixed Gain Block
All harmonic distortion products will be
at least -50dBc over the audio spectrum.
50
Ω
50
Ω
50
Ω
+5V
SOURCE
OUTPUT
5209
+5V
RF INPUT
FULL CARRIER
AM (DSB)
MODULATING
SIGNAL
.5V
R9R
VAGC
SR00248
Figure 12. AM Modulator
The high input impedance to the NE5209 makes matching
to crystal filters relatively easy. The total delta gain of this
system will approach 80dB. IF frequencies well into the UHF
region can be configured with this type of architecture.
50
Ω
5209
CRYSTAL
GAIN CONTROL
SIGNAL
FILTER
50
Ω
OUTPUT
5209
5209
VAGC
VAGC
VAGC
SR00249
Figure 13. Receiver AGC IF Gain
RL
5209
RL
±
±
VS
RS
RT
RT
VAGC
VCC (+5V, unless otherwise noted)
SR00250
Figure 14. Test Set-up 1 (Used for all Graphs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com