Electronic Components Datasheet Search
  English  ▼

X  

SA5209 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5209
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5209 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5209 Datasheet HTML 5Page - NXP Semiconductors SA5209 Datasheet HTML 6Page - NXP Semiconductors SA5209 Datasheet HTML 7Page - NXP Semiconductors SA5209 Datasheet HTML 8Page - NXP Semiconductors SA5209 Datasheet HTML 9Page - NXP Semiconductors SA5209 Datasheet HTML 10Page - NXP Semiconductors SA5209 Datasheet HTML 11Page - NXP Semiconductors SA5209 Datasheet HTML 12Page - NXP Semiconductors SA5209 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
1990 Aug 20
9
10
0
0.6
1
0.8
0.4
0.2
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
VAGC (V)
9
8
7
6
5
4
3
2
1
0
1.2
T = 25
°C
RS = RL = 50Ω
Rt = ∞
f = 10MHz
DC Tested
See test-setup 1
SR00251
Figure 15. Gain vs VAGC and VCC
RS = RL = 50Ω
Rt = ∞
See test-setup 1
0
0.2
0.4
0.6
0.8
VAGC (V)
10
9
8
7
6
5
4
3
2
1
0
1
1.2
-55
°C
+25
°C
+125
°C
SR00253
Figure 16. Insertion Gain vs VAGC and Temperature
20
Temperature (
°C)
–100
50
150
100
0
–50
5.5V
5.0V
4.5V
19.5
19
18.5
18
17.5
17
16.5
16
15.5
15
RS = 0Ω
RL = ∞
Rt = ∞
VAGC = 1.1V
See Test Setup 1
SR00252
Figure 17. Voltage Gain vs Temperature and VCC
–100
–50
0
50
100
55
50
45
40
35
30
25
20
150
VCC = 7.0V
See test-setup 1
Temperature (
°C)
VCC = 6.0V
VCC = 5.0V
VCC = 4.5V
SR00254
Figure 18. Supply Current vs Temperature and VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com