Electronic Components Datasheet Search
  English  ▼

X  

CMP82C55AZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CMP82C55AZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CMP82C55AZ Datasheet HTML 5Page - Intersil Corporation CMP82C55AZ Datasheet HTML 6Page - Intersil Corporation CMP82C55AZ Datasheet HTML 7Page - Intersil Corporation CMP82C55AZ Datasheet HTML 8Page - Intersil Corporation CMP82C55AZ Datasheet HTML 9Page - Intersil Corporation CMP82C55AZ Datasheet HTML 10Page - Intersil Corporation CMP82C55AZ Datasheet HTML 11Page - Intersil Corporation CMP82C55AZ Datasheet HTML 12Page - Intersil Corporation CMP82C55AZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
FN6140.2
June 15, 2006
Operating Modes
Mode 1 - (Strobed Input/Output). This functional configuration
provides a means for transferring I/O data to or from a specified
port in conjunction with strobes or “hand shaking” signals. In
mode 1, port A and port B use the lines on port C to generate or
accept these “hand shaking” signals.
Mode 1 Basic Function Definitions:
• Two Groups (Group A and Group B)
• Each group contains one 8-bit port and one 4-bit control/data
port
• The 8-bit data port can be either input or output. Both inputs
and outputs are latched.
• The 4-bit port is used for control and status of the 8-bit port.
Input Control Signal Definition
(Figures 6 and 7)
STB (Strobe Input)
A “low” on this input loads data into the input latch.
IBF (Input Buffer Full F/F)
A “high” on this output indicates that the data has been loaded
into the input latch: in essence, an acknowledgment. IBF is set
by STB input being low and is reset by the rising edge of the
RD input.
INTR (Interrupt Request)
A “high” on this output can be used to interrupt the CPU when
an input device is requesting service. INTR is set by the
condition: STB is a “one”, IBF is a “one” and INTE is a “one”. It
is reset by the falling edge of RD. This procedure allows an
input device to request service from the CPU by simply strobing
its data into the port.
INTE A
Controlled by bit set/reset of PC4.
INTE B
Controlled by bit set/reset of PC2.
Output Control Signal Definition
(Figure 8 and 9)
OBF - (Output Buffer Full F/F). The OBF output will go “low”
to indicate that the CPU has written data out to the specified
port. This does not mean valid data is sent out of the port at this
time since OBF can go true before data is available. Data is
guaranteed valid at the rising edge of OBF, (See Note 1). The
OBF F/F will be set by the rising edge of the WR input and reset
by ACK input being low.
CONTROL WORD #13
CONTROL WORD #15
Mode 0 Configurations (Continued)
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
0
D1
1
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
1
D7
0
D6
0
D5
1
D4
1
D3
0
D2
1
D1
1
D0
8
PA7 - PA0
4
PC7 - PC4
4
PC3 - PC0
8
PB7 - PB0
D7 - D0
82C55A
A
B
C
MS82C55A, MQ82C55A, MP82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com