Electronic Components Datasheet Search
  English  ▼

X  

ISG2037 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISG2037
Description  Trench Field-Stop Technology IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2037 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISG2037 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2037 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2037 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISG2037
eq IRG7PK35UD1
Trench Field-Stop Technology IGBT
www.iscsemi.com
3
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = ±15V,
IC= 40A,
VCC = 600V,
RG=12Ω
Inductive Load
TC=25℃
--
37
--
ns
tr
Turn-on Rise Time
--
85
--
ns
td(off)
Turn-off Delay Time
--
206
--
ns
tf
Turn-off Fall Time
--
172
--
ns
Eon
Turn-on switching losses
--
2.18
--
mJ
Eoff
Turn-off switching losses
--
2.24
--
mJ
Ets
Total switching losses
--
4.42
--
mJ
REVERSE DIODE (FRED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF=40A,TJ=25℃
--
2.4
3.0
V
trr
Reverse Recovery Time
IF= 40A,
diF/dt=450A/us,
VCE=600V
--
84.5
--
ns
Qrr
Reverse recovery charge
--
731
--
nC
Irr
Reverse recovery current
--
16.1
--
A
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com