Electronic Components Datasheet Search
  English  ▼

X  

IRF8313 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF8313
Description  30V 2N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRF8313 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRF8313 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
2
4
6
8
10
12
0
0.25
0.5
0.75
1
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
10
14
18
22
2
4
6
8
10
VGS (V)
ID=12A
0
2
4
6
8
10
12
0
0.3
0.6
0.9
1.2
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
7 . 5
15
22.5
30
ID= 1 2 A
0
0.5
1
1.5
-50
25
100
175
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics of Reverse
diode
Fig.4 Gate-charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
30V 2N-Channel Enhancement Mode MOSFET
UMW R
IRF8313
QG , T o t a l G a t e C h a r g e ( n C )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com