Electronic Components Datasheet Search
  English  ▼

X  

IRF8313 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF8313
Description  30V 2N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRF8313 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRF8313 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRF8313 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
9
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
8.2
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
6.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
5.6
A
IDM
Pulsed Drain Current2
30
A
EAS
Single Pulse Avalanche Energy3
15
mJ
IAS
Avalanche Current
22
A
PD@TC=25℃
Total Power Dissipation4
1.6
W
PD@TA=70℃
Total Power Dissipation4
1.0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
75
℃
/W
RθJC
Thermal Resistance Junction-Case1
4.8
℃
/W
30V 2N-Channel Enhancement Mode MOSFET
General Description
The
is the highest performance trench
N-ch MOSFETs with extreme high cell density,
which provide excellent RDSON and gate charge
for most of the small power switching and
load switch applications. The meet the RoHS and
Product requirement with full function reliability approved.
General Features
VDS = 30V ID =
RDS(ON) <
mΩ @ VGS=10 V
RDS(ON) < 18mΩ @ VGS=4.5V
Application
Battery protection
Load switch
Uninterruptible power supply
9A
13
IRF8313TR
UMW R
IRF8313
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
D1
D1
D2
D2
G1
S2
G2
S1
8
1
2
3
4
5
6
7
SOP-8


Similar Part No. - IRF8313

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF8313 EVVOSEMI-IRF8313 Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
Rev:2023A2
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
HEXFET Power MOSFET
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
Fully Characterized Avalanche Voltage and Current
IRF8313PBF IRF-IRF8313PBF_15 Datasheet
260Kb / 10P
Fully Characterized Avalanche Voltage and Current
IRF8313TRPbF IRF-IRF8313TRPbF Datasheet
260Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRF8313

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Anachip Corp
AF9902M ANACHIP-AF9902M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
logo
Advanced Power Electron...
AP9930GM A-POWER-AP9930GM Datasheet
95Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
2N- and 2P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF9956TR UMW-IRF9956TR Datasheet
475Kb / 7P
30V 2N-Channel MOSFET
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com