Electronic Components Datasheet Search
  English  ▼

X  

CMCP602A Datasheet(PDF) 2 Page - STI Vibration Monitoring Inc.

Part # CMCP602A
Description  CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP602A Datasheet(HTML) 2 Page - STI Vibration Monitoring Inc.

  CMCP602A Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP602A Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.2.0
Issued 9/9/2022
Dimensions
Wiring/Pinout
Ordering Information
CMCP602A
-AAA
-BB
-CC
Armored Extension Cable, 2 Socket MS 5015
-016
16’ (5 m) Long
-032
32’ (10 m) Long
-064
64’ (20 m) Long
-XXX
Specify Overall Cable Length in Feet
-02
2’ (0.6 m) Armored Length
-15
15’ (4.5 m) Armored Length
-30
30’ (9.1 m) Armored Length
-60
60’ (18.3 m) Armored Length
-XX
Specify Armored Length in Feet
-I
Isolated (Shield Not Tied to Connector) **STI Standard**
-NI
Non-Isolated (Shield Tied to Connector)
Example Part Number:
CMCP602A-16-05-I
Armored Sensor Extension Cable
2 Socket MS 5015
16’ (5 m) Overall Cable Length
5’ (1.5 m) Armored Length
Isolated Shield
Notes:
If Grounding at Instrument End, Use Isolated (-I) Cables.
If Grounding at the Machine End, Use Non-Isolated (-NI) Cables.
Ensure That All Instruments That Share the Same Ground Use the Same Shielding Method.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com