Electronic Components Datasheet Search
  English  ▼

X  

CMCP602A Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP602A
Description  CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP602A Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP602A Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP602A Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP602A Series
Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
Features
•
2 Socket MS 5015, Locking Collar (IP68)
•
304 Stainless Steel Armored Cable
•
Yellow FEP Jacketed Cable
•
Flame Retardant Cabling
•
Cable Temperature of up to 400 °F (204 °C)
•
Ryton and Stainless Steel Connector
•
Rugged Design for Permanent Monitoring
•
Isolated or Non-Isolated Shielding Available
•
Braided Shield with Separate Drain Wire
•
UV, Oil and Harsh Chemical Resistant
•
CE Approved
Typical Applications
Permanent Monitoring Cord set for harsh Environments. Compatible with all 2 Pin MS 5015 Sensors.
FEP Jacketed Cables provide the best Protection against harsh Chemicals.
Refer to the CMCP Chemical Compatibility Chart for more Information.
Connector Specifications
Connector Type:
Shield Isolation:
Locking Collar Material:
Connector Material:
Connector Temperature Rating:
IP Rating
2 Socket MS 5015 MIL-C 5015 Style
Case Isolated (-I Option) or Non-Isolated (-NI)
316 Stainless Steel
Ryton
250 °F (121 °C)
IP68
Cable Specifications
Jacket Material:
FEP (Fluorinated Ethylene Propylene)
Jacket Color:
Yellow
Insulation:
Fiberglass
Conductors:
2 Plus Drain Wire
Conductor Color:
White/Black
Wire AWG:
20AWG (0.52mm2)
Drain Wire AWG:
24AWG (0.21mm2)
Shielding:
Braided Shield
Cable Diameter:
0.19” (4.8 mm)
Weight:
0.048 Lbs/Ft (1.48 kg/m)
Temperature Range:
-67 to +400°F (-55 to +204°C)
Capacitance Per Foot (pF/ft):
30pF/ft (98.42 pF/m)
Armor Specifications
Armor Material:
304 Stainless Steel, Interlocked Hose
Armor Diameter:
0.30” (7.8 mm)
Maximum Armored Length:
99’ (30 m)
Approvals:
CE Approved
Flame Retardant Per IEC 60332-3-24 (Cat C)


Similar Part No. - CMCP602A

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602HST STI-CMCP602HST Datasheet
470Kb / 2P
High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
CMCP602LST STI-CMCP602LST Datasheet
485Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
More results

Similar Description - CMCP602A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
STI Vibration Monitorin...
CMCP603A STI-CMCP603A Datasheet
384Kb / 2P
Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector
9/9/2022
CMCP632H STI-CMCP632H Datasheet
623Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
CMCP632L STI-CMCP632L Datasheet
740Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable General Purpose Halogen Free TPE Jacketed Cable
06/12/2023
CMCP633H STI-CMCP633H Datasheet
653Kb / 2P
Compact Molded 3 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com