Electronic Components Datasheet Search
  English  ▼

X  

ST2080C Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # ST2080C
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2080C Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  ST2080C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data
Data Sheet N1556, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2080C
STB2080C
STF2080C
Carrier Tape Specification D2PAK
SYMBOL
Millimeters
Min.
Max.
A
10.70
10.90
B
16.03
16.23
C
5.11
5.31
d
1.45
1.65
E
1.65
1.85
F
11.40
11.60
P0
3.90
4.10
P
15.90
16.10
P1
1.90
2.10
W
23.90
24.30
Mechanical Dimensions TO-220AB
Symbol
Dimensions in
millimeters
Min
Typical
Max
A
4.42
4.57
4.72
A1
1.17
1.27
1.37
A2
2.52
2.69
2.89
b
0.71
0.81
0.96
b1
1.17
1.27
1.37
c
0.31
0.38
0.61
D
14.94
15.24
15.54
D1
8.85
9.00
9.15
E
10.01
10.16
10.31
e
2.54
e1
4.98
5.06
5.18
H1
6.04
6.24
6.44
L
12.7
13.56
13.80
L1
3.56
3.5
3.96
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
7°
Θ2
3°
Θ3
4°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com