Electronic Components Datasheet Search
  English  ▼

X  

ST2080C Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # ST2080C
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2080C Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  ST2080C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST2080C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data
Data Sheet N1556, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2080C
STB2080C
STF2080C
Symbol
Dimensions in millimeters
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
0
0.10
0.25
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
c1
1.17
1.27
1.37
D
8.55
8.70
8.85
D1
6.40
E
10.01
10.16
10.31
E1
7.6
E2
9.98
10.08
10.18
e
2.54
H
14.6
15.1
15.6
L
2.00
2.30
2.70
L1
1.17
1.27
1.40
L2
2.20
L3
0.25BSC
e
0
-
8°
e1
5°
e2
4°
e3
4°
Mechanical Dimensions D2PAK
Mechanical Dimensions ITO-220AB
Symbol
Dimensions in millimeters
Min.
Typical
Max.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.50
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
5°
Θ2
4°
Θ3
10°
Θ4
5°
Θ5
5°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com