Electronic Components Datasheet Search
  English  ▼

X  

MGSV100 Datasheet(PDF) 2 Page - RFE international

Part # MGSV100
Description  METAL GLAZED FILM RESISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MGSV100 Datasheet(HTML) 2 Page - RFE international

  MGSV100 Datasheet HTML 1Page - RFE international MGSV100 Datasheet HTML 2Page - RFE international MGSV100 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERFORMANCE
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 2 of 3
-50
0
50
100
150
200
250
Test Items
Short Time Overload
Moisture Resistance
Load Life
Insulation Resistance
Dielectric Withstanding Voltage
Resistance to Soldering Heat
Resistance to Solvent
Terminal Strength
1K ~ 10K : 5KV
10K ~ 100K : 7KV
> 100K : 10KV
Intermittent Overload
15KV
Direct load for 10 sec. In the direction off
the terminal leads
Tensile: > 2.5 Kgs
Discharge Test: 0.01uF capacitor Discharge
Pulse 10 times ( 1 pulse / 5 sec. max)
MGSV50
MGSV100S
MGSV100, MGSV200S
MGSV200, MGSV300S
Methods
MGSV300
MGSV500S
MGSV25
MGSV50S
Pow er
Rating
No abnormality in coatings & markings
Specifications
Rated voltage x 2.5 or max. overload voltage,
w hichever is low er, for 5 seconds
± (1.0% + 0.05Ω)
40°C ± 2°C, 90%~95% R.H., 1000hrs (for Epoxy Coating)
90 min [ON], 30 min [OFF]
± (5.0% + 0.05Ω)
Anti Surge Characteristics
± (10.0% + 0.05Ω)
4 times RCWV for 10,000 cycles
(1 sec [ON], 25sec [OFF])
± (1.0% + 0.05Ω)
± 10,000 MΩ Over
In V-B;pcl fpr 60 seconds
By type
3KV
Voltage
10KV
260°C ± 5°C, 2s ± 1s
± (1.0% + 0.05Ω)
IPA for 5±0.5 min. w ith ultrasonic
1,000 hours at rated voltage, 70°C
90 min [ON], 30 min [OFF]
± (3.0% + 0.05Ω)
500 ± 50V DC During 1 min V-Block method
C2CB07
2020.08.14
C2CB07
2020.08.14
METAL GLAZED FILM RESISTOR
MGSV Series: High Voltage, Silicon Coating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com