Electronic Components Datasheet Search
  English  ▼

X  

MGSV100 Datasheet(PDF) 3 Page - RFE international

Part # MGSV100
Description  METAL GLAZED FILM RESISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MGSV100 Datasheet(HTML) 3 Page - RFE international

  MGSV100 Datasheet HTML 1Page - RFE international MGSV100 Datasheet HTML 2Page - RFE international MGSV100 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MGSV 50 R-4M7-F 100
PPM /°C
Tolerance
Resistance Code
Series
Size Code
Packaging
Ohms
1K
150K
1.5Meg
10Gig
Code
1K0
150K
1M5
10G
Code
R
A
B
C
Description
Taped &
Reeled
Taped
& Box
Loose
(Bulk)
Cut &
Form
Special Taping Suffix
T52, T63, T73
HIGH VOLTAGE SURGE TEST
RoHS
Page 3 of 3
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
0
20
40
60
80
100
120
140
0
20
40
60
80
100
Applied load % of RCWV
MGSV25, MGSV50S
MGSV50, MGSV100S
MGSV100, MGSV200S
MGSV200, MGSV300S
MGSV300, MGSV500S
C2CB07
2020.08.14
METAL GLAZED FILM RESISTOR
MGSV Series: High Voltage, Silicon Coating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com