Electronic Components Datasheet Search
  English  ▼

X  

RMH Datasheet(PDF) 2 Page - RFE international

Part # RMH
Description  SMD Resistor - High Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMH Datasheet(HTML) 2 Page - RFE international

  RMH Datasheet HTML 1Page - RFE international RMH Datasheet HTML 2Page - RFE international RMH Datasheet HTML 3Page - RFE international RMH Datasheet HTML 4Page - RFE international RMH Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Resistor - High Power
RMH Series: Thick Film
OCT-27-2023
Page 2 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE (continued)
Series
Size
Rated
Current
Max. Overload
Current
<1sec.,1 me
RMH04
0402
2A
6
RMH06
0603
2.5A
9
RMH10
0805
3.5A
13
RMH12
1206
5A
16
RMH25
1210
6A
19A
RMH1W
1210
7A
22A
RMH1WS
1812
7A
22A
RMH2W
2512
10A
30A
Zero ohms Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com