Electronic Components Datasheet Search
  English  ▼

X  

RMH Datasheet(PDF) 1 Page - RFE international

Part # RMH
Description  SMD Resistor - High Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMH Datasheet(HTML) 1 Page - RFE international

  RMH Datasheet HTML 1Page - RFE international RMH Datasheet HTML 2Page - RFE international RMH Datasheet HTML 3Page - RFE international RMH Datasheet HTML 4Page - RFE international RMH Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Resistor - High Power
RMH Series: Thick Film
INTRODUCTION
DIMENSIONS
PART NUMBER EXAMPLE
RESISTANCE CODE
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE(T =25 Unless otherwise specified
OCT-27-2023
Page 1 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
(Omit for Zero ohms)
B(±0.1%)
D(±0.5%)
F(±1%)
J(±5%)
0~+400
1 ~ 9.9
1 ~ 9.9
±300
10 ~ 990
10 ~ 990
±200
1K ~ 10M
1K ~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 990
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 10M
~~
±400
1 ~ 9.9
1 ~ 9.9
±200
~~
10 ~ 10M
±100
10 ~ 1M
~~
100V
0402
0603
RMH06
0.125W
50V
0.50 W 200V
400V
200V
1.0W
400V
400V
200V
0.66W
2.0W
250V
500V
400V
200V
1.0W
500V
10 ~ 1M
RMH2W
RMH1WS
RMH1W
RMH25
RMH12
2512
1812
2010
1210
1206
RMH10
RMH04
0805
RMH2WS 1218 2.0W
250V
Code
Size
Rated
Power
at 70 C
Max.
Working
Voltage
Max.
Overload
Voltage
0.25W 150V
300V
T.C.R.
(PPM/ C)
Resistance Range
100V
50V
0.1W


Similar Part No. - RMH

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
RMH JAM-RMH Datasheet
321Kb / 5P
2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
logo
Taiyo Yuden (U.S.A.), I...
RMH-10V331MG10U-R2 TAIYO-YUDEN-RMH-10V331MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V331MG10UQ-R2 TAIYO-YUDEN-RMH-10V331MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V471MG10U-R2 TAIYO-YUDEN-RMH-10V471MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V471MG10UQ-R2 TAIYO-YUDEN-RMH-10V471MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
More results

Similar Description - RMH

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
logo
HOKURIKU ELECTRIC INDUS...
PCR16-103JV HOKURIKU-PCR16-103JV Datasheet
212Kb / 2P
High Power Type Chip Resistor
logo
Tyco Electronics
1773242 MACOM-1773242 Datasheet
126Kb / 3P
SMD Moulded Power Resistor
1622820-3 MACOM-1622820-3 Datasheet
38Kb / 1P
SMD POWER RESISTOR SERIES 3520
logo
List of Unclassifed Man...
HRA1600 ETC-HRA1600 Datasheet
867Kb / 1P
HIGH POWER RESISTOR ASSEMBLIES
logo
Ohmite Mfg. Co.
MC4 OHMITE-MC4 Datasheet
408Kb / 2P
High Voltage 4-Resistor SMD DIP Package
logo
TE Connectivity Ltd
1773278 TEC-1773278 Datasheet
199Kb / 3P
High Power Resistor
logo
Stackpole Electronics, ...
HPC SEI-HPC Datasheet
106Kb / 4P
High Power Surface Mount Resistor
05/12/2016
logo
List of Unclassifed Man...
BP2525 ETC-BP2525 Datasheet
181Kb / 2P
High Power Chip Resistor
1980
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
HIGH POWER WIRE WOUND RESISTOR
2020.02.17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com