Electronic Components Datasheet Search
  English  ▼

X  

NE587 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE587
Description  LED decoder/driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE587 Datasheet(HTML) 5 Page - NXP Semiconductors

  NE587 Datasheet HTML 1Page - NXP Semiconductors NE587 Datasheet HTML 2Page - NXP Semiconductors NE587 Datasheet HTML 3Page - NXP Semiconductors NE587 Datasheet HTML 4Page - NXP Semiconductors NE587 Datasheet HTML 5Page - NXP Semiconductors NE587 Datasheet HTML 6Page - NXP Semiconductors NE587 Datasheet HTML 7Page - NXP Semiconductors NE587 Datasheet HTML 8Page - NXP Semiconductors NE587 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
NE587
LED decoder/driver
August 31, 1994
534
Figure 1.
I
P +
V
rP
R
P
+
1.3V
R
P
RP
IP
IO
VCC
1:20
PIN 8
BAND GAP
REFERENCE
TIMING DIAGRAMS
Figure 2. tP Data to Output
LE = L
D0–D3
OUTPUT
tPLH
tPHL
Figure 3. tP Latch Enable to Output
tPLH
tPHL
LE
D0–D3
OUTPUT
Segment Identification
a
b
c
d
e
f
g
An output current of 10 to 50mA was chosen so that it would be
suitable for multiplexed operation of large-size LED digits. When
designing a display system, particular care must be taken to
minimize power dissipation within the IC display driver. Since the
output is a constant-current source, all the remaining supply voltage,
which is not dropped across the LED (and the digit driver, if used),
will appear across the output. Thus, the power dissipation will go up
sharply if the display power supply voltage rises. Clearly, then, it is
good design practice to keep the display supply voltage as low as
possible, consistent with proper operation of the supply output
current sources. Inserting a resistor or diode in series with the
display supply is a good way of reducing the power dissipation
within the integrated circuit segment driver, although, of course, total
system power remains the same.
Power dissipation may be calculated as follows. Referring to Figure
6, the two system power supplies are VCC and VS. In many cases,
these will be the same voltage. Necessary parameters are:
VCC
Supply voltage to driver
VS
Supply voltage to display
ICC
Quiescent supply current of driver
ISEG
LED segment current
VF
LED segment forward voltage at ISEG
KDC
% Duty cycle
VF, the forward LED drop, depends upon the type of LED material
(hence the color) and the forward current. The actual forward
voltage drops should be obtained from the LED display
manufacturer’s literature for the peak segment current selected;
however, approximate voltages at nominal rated currents are:
Red
1.6 to 2.0V
Orange
2.0 to 2.5V
Yellow
2.2 to 3.5V
Green
2.5 to 3.5V
Figure 4. Setup and Hold Times
LE
D0–D3
OUTPUT
tW
tS
tH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com