Electronic Components Datasheet Search
  English  ▼

X  

NE587 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE587
Description  LED decoder/driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE587 Datasheet(HTML) 6 Page - NXP Semiconductors

  NE587 Datasheet HTML 1Page - NXP Semiconductors NE587 Datasheet HTML 2Page - NXP Semiconductors NE587 Datasheet HTML 3Page - NXP Semiconductors NE587 Datasheet HTML 4Page - NXP Semiconductors NE587 Datasheet HTML 5Page - NXP Semiconductors NE587 Datasheet HTML 6Page - NXP Semiconductors NE587 Datasheet HTML 7Page - NXP Semiconductors NE587 Datasheet HTML 8Page - NXP Semiconductors NE587 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
NE587
LED decoder/driver
August 31, 1994
535
TYPICAL PERFORMANCE CURVES
IOUT
(mA)
Supply Current vs Supply Voltage
Output Current vs Output Voltage
RP = 1kΩ
Normalized Output Current vs
Temperature VCC = 5.0V
Normalized Output Current vs Supply
Voltage VO = 2V, TA = 25°C
Maximum Power Dissipation vs
Temperature
Output Current vs Program Resistor
40.0
35.0
30.0
25.0
20.0
4.0
4.4
4.8
5.2
5.6
6.0
6.4
VCC (VOLTS)
ICC
(mA)
RP = 1kΩ
VOUT = 2V
ALL OUTPUTS “ON”
(0
°C)
(25
°C)
(70
°C)
40.0
30.0
20.0
10.0
IOUT
0
1.0
2.0
3.0
4.0
5.0
VOUT (VOLTS)
(70
°C)
(0
°C)
(25
°C)
RP = 1kΩ
(%)
IOUT
TEMP (
°C)
110.0
105.0
100.0
95.0
90.0
10 20 30 40
50 60 70 80
105
102
100
98
95
4.0
4.5
5.0
5.5
6.0
(%)
NE587
RP = 1kΩ
NE587
VCC (VOLTS)
1000
800
600
400
200
0
0
25
50
75
TA (°C)
(mW)
PD
50.0
40.0
30.0
20.0
10.0
0.0
0
2.0
4.0
6.0
8.0
10.0
VCC = 5.0V
VOUT = 2V
TA = (25°C)
RP (kΩ)
(mA)
IOUT
These voltages are all for single-diode displays. Some early red
displays had 2 series LEDs per segment; hence the forward voltage
drop was around 3.5V.
Thus, a maximum power dissipation calculation when all segments
are on, is:
P
D + VCC x ICC )
(V
S *
V
F) x 7 x ISEG
x K
DCmW
Assuming VS = VCC = 5.25V
VF = 2.0V
KDC = 100%
PD MAX = 5.25 × 50 + 3.25 × 7 × 30mW = 945mW
However, the average power dissipation will be considerably less
than this. Assuming 5 segments are on (the average for all output
code combinations), then
PD MAX = 5.0 × 30 + 3.00 × 5 × 25mW = 525mW
Operating temperature range limitations can be deduced from the
power dissipation graph. (See Typical Performance Characteristics.)
Figure 5. Driving a Single Digit
VS
VCC
D3
D2
D1
D0
IP
Decoupling capacitor on VCC should be 0.01µF ceramic.
LE
RBI
RBO
0.01
µF
NOTE:
NE587
a
b
c
d
e
f
g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com