Electronic Components Datasheet Search
  English  ▼

X  

NE567F Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NE567F
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567F Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NE567F Datasheet HTML 5Page - NXP Semiconductors NE567F Datasheet HTML 6Page - NXP Semiconductors NE567F Datasheet HTML 7Page - NXP Semiconductors NE567F Datasheet HTML 8Page - NXP Semiconductors NE567F Datasheet HTML 9Page - NXP Semiconductors NE567F Datasheet HTML 10Page - NXP Semiconductors NE567F Datasheet HTML 11Page - NXP Semiconductors NE567F Datasheet HTML 12Page - NXP Semiconductors NE567F Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
412
CHATTER PREVENTION (Figure 4)
Chatter occurs in the output stage when C3 is relatively small, so
that the lock transient and the AC components at the quadrature
phase detector (lock detector) output cause the output stage to
move through its threshold more than once. Many loads, for
example lamps and relays, will not respond to the chatter. However,
logic may recognize the chatter as a series of outputs. By feeding
the output stage output back to its input (Pin 1) the chatter can be
eliminated. Three schemes for doing this are given in Figure 4. All
operate by feeding the first output step (either on or off) back to the
input, pushing the input past the threshold until the transient
conditions are over. It is only necessary to assure that the feedback
time constant is not so large as to prevent operation at the highest
anticipated speed. Although chatter can always be eliminated by
making C3 large, the feedback circuit will enable faster operation of
the 567 by allowing C3 to be kept small. Note that if the feedback
time constant is made quite large, a short burst at the input
frequency can be stretched into a long output pulse. This may be
useful to drive, for example, stepping relays.
DETECTION BAND CENTERING (OR SKEW)
ADJUSTMENT (Figure 5)
When it is desired to alter the location of the detection band
(corresponding to the loop capture range) within the lock range, the
circuits shown above can be used. By moving the detection band to
one edge of the range, for example, input signal variations will
expand the detection band in only one direction. This may prove
useful when a strong but undesirable signal is expected on one side
or the other of the center frequency. Since RB also alters the duty
cycle slightly, this method may be used to obtain a precise duty
cycle when the 567 is used as an oscillator.
ALTERNATE METHOD OF BANDWIDTH
REDUCTION (Figure 6)
Although a large value of C2 will reduce the bandwidth, it also
reduces the loop damping so as to slow the circuit response time.
This may be undesirable. Bandwidth can be reduced by reducing
the loop gain. This scheme will improve damping and permit faster
operation under narrow-band conditions. Note that the reduced
impedance level at terminal 2 will require that a larger value of C2 be
used for a given filter cutoff
frequency. If more than three 567s are to be used, the network of RB
and RC can be eliminated and the RA resistors connected together.
A capacitor between this junction and ground may be required to
shunt high frequency components.
OUTPUT LATCHING (Figure 7)
To latch the output on after a signal is received, it is necessary to
provide a feedback resistor around the output stage (between Pins 8
and 1). Pin 1 is pulled up to unlatch the output stage.
REDUCTION OF C1 VALUE
For precision very low-frequency applications, where the value of C1
becomes large, an overall cost savings may be achieved by
inserting a voltage-follower between the R1 C1 junction and Pin 6,
so as to allow a higher value of R1 and a lower value of C1 for a
given frequency.
PROGRAMMING
To change the center frequency, the value of R1 can be changed
with a mechanical or solid state switch, or additional C1 capacitors
may be added by grounding them through saturating NPN
transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com