Electronic Components Datasheet Search
  English  ▼

X  

NE567F Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NE567F
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567F Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NE567F Datasheet HTML 5Page - NXP Semiconductors NE567F Datasheet HTML 6Page - NXP Semiconductors NE567F Datasheet HTML 7Page - NXP Semiconductors NE567F Datasheet HTML 8Page - NXP Semiconductors NE567F Datasheet HTML 9Page - NXP Semiconductors NE567F Datasheet HTML 10Page - NXP Semiconductors NE567F Datasheet HTML 11Page - NXP Semiconductors NE567F Datasheet HTML 12Page - NXP Semiconductors NE567F Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
413
TYPICAL APPLICATIONS
Touch-Tone® Decoder
NOTES:
Component values (Typical)
R1 = 26.8 to 15kΩ
R2 = 24.7kΩ
R3 = 20kΩ
C1 = 0.10mF
C2 = 1.0mF 5V
C3 = 2.2mF 6V
C4 = 250µF 6V
DIGIT
1
2
3
4
5
6
7
8
9
0
*
567
897Hz
567
770Hz
567
852Hz
567
941Hz
567
1209Hz
567
1336Hz
567
1477Hz
+
+
+
+
+
+
+
R3
R2
R1
C1
C3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com