Electronic Components Datasheet Search
  English  ▼

X  

EL1509CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL1509CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL1509CS Datasheet HTML 1Page - Intersil Corporation EL1509CS Datasheet HTML 2Page - Intersil Corporation EL1509CS Datasheet HTML 3Page - Intersil Corporation EL1509CS Datasheet HTML 4Page - Intersil Corporation EL1509CS Datasheet HTML 5Page - Intersil Corporation EL1509CS Datasheet HTML 6Page - Intersil Corporation EL1509CS Datasheet HTML 7Page - Intersil Corporation EL1509CS Datasheet HTML 8Page - Intersil Corporation EL1509CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN7015.2
March 26, 2007
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1509CS)
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1509CL)
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1509CS)
FIGURE 4. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1509CL)
FIGURE 5. DIFFERENTIAL FREQUENCY RESPONSE vs CL
(EL1509CS)
FIGURE 6. DIFFERENTIAL FREQUENCY RESPONSE vs CL
(EL1509CL)
28
24
8
FREQUENCY (Hz)
100K
100M
1M
10M
16
20
12
AV=10
VS=±6V
RL=100Ω
RF=2kΩ
RF=1kΩ
RF=1.5kΩ
28
24
8
FREQUENCY (Hz)
100K
100M
1M
10M
16
20
12
RF=1.5kΩ
AV=10
VS=±6V
RL=100Ω
RF=2kΩ
RF=1kΩ
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
AV=5
VS=±6V
RL=100Ω
RF=2kΩ
RF=1kΩ
RF=1.5kΩ
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
RF=1.5kΩ
AV=5
VS=±6V
RL=100Ω
RF=2kΩ
RF=1kΩ
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
CL=22pF
CL=10pF
CL=0pF
AV=5
VS=±6V
RL=100Ω
RF=1.5kΩ
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
CL=22pF
CL=10pF
CL=0pF
AV=5
VS=±6V
RL=100Ω
RF=1.5kΩ
EL1509



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com