Electronic Components Datasheet Search
  English  ▼

X  

EL1509CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL1509CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL1509CS Datasheet HTML 1Page - Intersil Corporation EL1509CS Datasheet HTML 2Page - Intersil Corporation EL1509CS Datasheet HTML 3Page - Intersil Corporation EL1509CS Datasheet HTML 4Page - Intersil Corporation EL1509CS Datasheet HTML 5Page - Intersil Corporation EL1509CS Datasheet HTML 6Page - Intersil Corporation EL1509CS Datasheet HTML 7Page - Intersil Corporation EL1509CS Datasheet HTML 8Page - Intersil Corporation EL1509CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN7015.2
March 26, 2007
FIGURE 13. CHANNEL ISOLATION vs FREQUENCY
FIGURE 14. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 15. POWER SUPPLY REJECTION vs FREQUENCY
FIGURE 16. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 17. TRANSIMEDANCE (ROL) vs FREQUENCY
FIGURE 18. DIFFERENTIAL GAIN & PHASE
Typical Performance Curves
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
10K
100K
1M
FREQUENCY (Hz)
100M
10M
B
→ A
A
→ B
100
10
1
10
10M
FREQUENCY (Hz)
100M
100K
1M
10K
100
1K
IB-
IB+
EN
30
10
0
-10
-20
-30
-40
-50
-60
-70
10K
FREQUENCY (Hz)
100M
20
100K
10M
1M
PSRR+
PSRR-
100
0.001
10K
100K
1M
100M
FREQUENCY (Hz)
0.1
0.01
10
1
10M
VS=±12V
AV=1
RF=1.5kΩ
10M
1M
100K
10K
1K
100
100
10K
FREQUENCY (Hz)
100M
1M
1K
100K
10M
50
0
-50
-100
-150
-200
-250
-300
PHASE
GAIN
0.06
0.04
0
NUMBER OF 150
Ω LOADS
0.01
03
5
12
4
0.02
0.05
0.03
PHASE
GAIN
EL1509



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com