Electronic Components Datasheet Search
  English  ▼

X  

OM4068H/2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # OM4068H/2
Description  LCD driver for low multiplex rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM4068H/2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button OM4068H/2 Datasheet HTML 14Page - NXP Semiconductors OM4068H/2 Datasheet HTML 15Page - NXP Semiconductors OM4068H/2 Datasheet HTML 16Page - NXP Semiconductors OM4068H/2 Datasheet HTML 17Page - NXP Semiconductors OM4068H/2 Datasheet HTML 18Page - NXP Semiconductors OM4068H/2 Datasheet HTML 19Page - NXP Semiconductors OM4068H/2 Datasheet HTML 20Page - NXP Semiconductors OM4068H/2 Datasheet HTML 21Page - NXP Semiconductors OM4068H/2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1998 Jun 18
18
Philips Semiconductors
Product specification
LCD driver for low multiplex rates
OM4068
DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; VLCD = 3.5 to 6.5 V; Tamb = −40 to +105 °C; unless otherwise specified.
Notes
1. Power-down state. After power-on the chip is in power-down state as long as the serial clock is not activated. During
power-down all static currents are switched off except the power-on reset block.
2. Output SDOUT is open-circuit; inputs at VDD or VSS; bus inactive.
3. Drive mode: static, duplex and triplex.
4. LCD outputs are open-circuit, CL = 50 pF typical, inputs at VDD or VSS; bus inactive.
5. Resets all logic when VDD <VPOR.
6. Resistance of output terminal (S1 to S32 and BP1, BP2 and BP3) with a load current of 20
µA; outputs measured
one at a time.
7. LCD outputs open-circuits.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
VSS + 2.5
−
5.5
V
VLCD
LCD supply voltage
VSS + 3.5
−
6.5
V
IDD
supply current
power-down state;
note 1
−
410
µA
normal mode;
fosc = intern;
notes 2 and 3
−
12
25
µA
ILCD
VLCD current
power-down state;
note 1
−−
1.5
µA
normal mode;
fosc = intern;
notes 3 and 4
−−
40
µA
VPOR
power-on reset voltage level
note 5
0.8
1.25
1.6
V
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
IOL
LOW-level output current (SDOUT)
VOL = 0.5 V; VDD = 5 V 1.0
−−
mA
IOH
HIGH-level output current (SDOUT)
VOH =VDD − 0.5 V;
VDD =5V
−−
−1mA
Ipu
pull-up current M1 and M0
VI =VSS
0.04
0.15
1
µA
IL
leakage current
VI =VDD or VSS
−1
−
+1
µA
Segment and backplane outputs
R(o)seg
segment output resistance
SEG1 to SEG32
note 6
−
15
40
k
Ω
R(o)back
backplane output resistance
BP1 to BP3
note 6
−
15
40
k
Ω
Vseg(bias)(tol)
bias tolerance SEG1 to SEG32
note 7
−100
0
+100
mV
Vback(bias)(tol) bias tolerance BP1, BP2 and BP3
note 7
−100
0
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com