Electronic Components Datasheet Search
  English  ▼

X  

HMP76 Datasheet(PDF) 3 Page - Vaisala

Part # HMP76
Description  Handheld Humidity and Temperature Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP76 Datasheet(HTML) 3 Page - Vaisala

  HMP76 Datasheet HTML 1Page - Vaisala HMP76 Datasheet HTML 2Page - Vaisala HMP76 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Spare parts and accessories
Cables
Analog output signal cable
27168ZZ
Connection cable for HMT310 series
DRW216050SP
Connection cable for HMP155
221801
Connection cable for TMP115, HMD60 series, HMP60
and HMP110 series, HMW90 series, HMDW110 series,
and GMW90 series
219980SP
1-m (3.3-ft) flat extension cable for 219980SP
CBL210649SP
Probe extension cable (10 m)
213107SP
Connection cable for HMT330 and HMT120/130
211339
Carrying cases
Weatherproof carrying case for MI70 and short probe
(HMP75/77)
MI70CASE3
Weatherproof carrying case for MI70 and long probe
(HMP76)
MI70CASE4
Soft carrying case for MI70 and short probe
(HMP75/77)
MI70SOFTCASE
Probe accessories
Plastic PC grid filter (HMP75)
6221
Membrane filter (HMP75)
10159HM
Sintered bronze filter (HMP75)
DRW212987SP
Plastic PPS grid filter (HMP76/77)
DRW010276SP
Sintered stainless steel filter (HMP76/77)
HM47280SP
Sintered bronze filter (HMP76 standard)
DRW212987SP
PPS grid with SS netting (HMP77 standard)
DRW010281SP
Probe holder (only for HMP76)
HM36915
Others
Measurement indicator
MI70
USB PC connection cable (for use with MI70 Link
software) 1)
219687
Rechargeable battery for MI70
26755
1)
Vaisala MI70 Link software for Windows is available at www.vaisala.com/mi70link.
37.5 (1.48)
79.5 (3.13)
99.5 (3.92)
HMP77 probe dimensions in mm (inches)
MI70 indicator and HMP75 probe dimensions in mm
(inches)
HMP76 and HMP77 probe with cable, dimensions in mm
(inches)
Published by Vaisala | B210435EN-M © Vaisala 2020
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com